Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PJLCDA05 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce PJLCDA05
Description  ULTRA LOW CAPACITANCE QUAD TVS ARRAY FOR HIGH SPEED TRANSMISSION DATA LINES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLCDA05 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  PJLCDA05_06 Datasheet HTML 1Page - Pan Jit International Inc. PJLCDA05_06 Datasheet HTML 2Page - Pan Jit International Inc. PJLCDA05_06 Datasheet HTML 3Page - Pan Jit International Inc. PJLCDA05_06 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.panjit.com
PJLCDA05 SERIES
4/4/2006
Page 2
Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
12
V
13.3
V
µA
1
19
V
24
V
12
A
pF
1.2
1mA
12V
1A
5A
Maximum Peak Pulse Current
pp
I
8/20 µs Waveform
PJLCDA12
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
15
V
16.7
V
µA
1
24
V
30
V
10
A
pF
1.2
1 mA
15V
1A
5A
Maximum Peak Pulse Current
pp
I
8/20 µs Waveform
PJLCDA15
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
24
V
26.7
V
µA
1
43
V
55
V
7A
pF
1.2
1mA
24V
1A
5A
Maximum Peak Pulse Current
pp
I
8/20 µs Waveform
PJLCDA24
0 Vdc Bias f = 1MHz
Between pins 1-8, 2-7,3-6 and
4-5
0 Vdc Bias f = 1MHz
Between pins 1-8, 2-7,3-6 and
4-5
0 Vdc Bias f = 1MHz
Between pins 1-8, 2-7,3-6 and
4-5
ELECTRICAL CHARACTERISTICS (Per Device Pair)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn