Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UB3803X Fiches technique(PDF) 16 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce UB3803X
Description  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB3803X Fiches technique(HTML) 16 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UB3803X Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Page 16
2004.10.27
Single Color φ3 Flush Mount Round Shape Type
U□38□3X Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Technical Data(UY)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)


Numéro de pièce similaire - UB3803X

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UB3804X ETC1-UB3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results

Description similaire - UB3803X

FabricantNo de pièceFiches techniqueDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com