Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UB3803X Fiches technique(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce UB3803X
Description  Single Color φ3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB3803X Fiches technique(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  UB3803X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB3803X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electro-Optical Characteristics
Page 4
2004.10.27
Single Color φ3 Flush Mount Round Shape Type
U□38□3X Series
Conditions
UB
UC
UG
UY
UR
T YP .
3.73.7
3.72.2
2.2
MAX .
4.2
4.2
4.2
2.8
2.8
Re ve rse Curre nt
VR =5V
IR
MAX .
100
100
100
100
100
μA
Pe a k Wa ve le ng th
IF =20mA
λp
T YP .
465
502
517
592
641
nm
Domina nt
Wa ve le ng th
IF =20mA
λd
T YP .
470
505
525
590
630
nm
Spe ctra l L ine Ha lf
Width
IF =20mA
⊿λ
T YP .
26
30
35
18
18
nm
Ha lf Inte nsity
Ang le
IF =20mA
2θ1/2
T YP .
2626262222
de g.
Ite m
S ymbol
Unit
Forwa rd Volta ge
IF =20mA
VF
V
Characte ristics
(Ta=25℃)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KR3803X Single Color φ3 Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3804X Single Color φ3 Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR5805S Single Color φ5 Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR5805S Single Color φ5 Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
MBG3864K Single Color Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
5307S Single Color φ5 Flush Mount Round Shape Type 1  2  3  4  5  More List of Unclassifed Manufacturers
MBG3874K Single Color Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3301X Single Color φ3 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3302X Single Color φ3 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3308S Single Color φ3 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn