Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD495S Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce MMBD495S
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD495S Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  MMBD495S Datasheet HTML 1Page - Pan Jit International Inc. MMBD495S Datasheet HTML 2Page - Pan Jit International Inc. MMBD495S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0-DEC.21.2005
MMBD495A/C/S
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
40 Volts
250 mW
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Pb free product are available : 99% Sn above can meet
RoHS environment substance directive request
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
POWER
COMMON CATHODE
SERIES
COMMON ANODE
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
A
5
9
4
D
B
M
M
C
5
9
4
D
B
M
M
S
5
9
4
D
B
M
M
s
t
i
n
U
e
d
o
c
g
n
i
k
r
a
M
A
5
9
C
5
9
S
5
9
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
k
a
e
P
V RRM
0
4
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V R
5
2
V
5
7
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O C
IO
4
.
0
A
)
d
o
h
t
e
m
C
E
D
E
J
(
s
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFS M
2
A
A
m
0
1
=
F
I
@
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
A
m
0
0
2
=
F
I
@
V F
3
.
0
5
.
0
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
V
5
2
=
R
V
@
e
g
a
t
l
o
V
IR
0
7
A
u
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
RΘJA
0
0
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,
TSTG
5
2
1
+
O
T
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
n
o
m
m
o
C
e
d
o
n
A
n
o
m
m
o
C
e
d
o
h
t
a
C
s
e
i
r
e
S


Numéro de pièce similaire - MMBD495S

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
MMBD4148 CHENG-YI-MMBD4148 Datasheet
73Kb / 2P
   DUAL SWITCHING DIODE
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148 Datasheet
101Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
SHENZHEN KOO CHIN ELECT...
MMBD4148 KOOCHIN-MMBD4148 Datasheet
290Kb / 2P
   SWITCHING DIODE
logo
Taiwan Semiconductor Co...
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
   Surface Mount Switching Diode
logo
Goodwork Semiconductor ...
MMBD4148 GWSEMI-MMBD4148 Datasheet
1Mb / 3P
   Silicon Epitaxial Planar Switching Diode
More results

Description similaire - MMBD495S

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com