Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KR5805S Fiches technique(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce KR5805S
Description  Single Color φ5 Flush Mount Round Shape Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

KR5805S Fiches technique(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  KR5805S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. KR5805S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Luminous Intensity Rank
Page 5
Please contact our sales staff concerning rank designation.
2004.10.27
Single Color φ5 Flush Mount Round Shape Type
KR5805S
(Ta=25℃)
MIN.
MAX.
A
200
400
B
280
560
C
400
800
D
560 1,120
E
800
-
Ra nk
IF = 20mA
IV(mcd)
Condition


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
5307S Single Color φ5 Flush Mount Round Shape Type 1  2  3  4  5  More List of Unclassifed Manufacturers
MBG3864K Single Color Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
MBG3874K Single Color Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3803X Single Color φ3 Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3804X Single Color φ3 Flush Mount Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
BG5305S Single Color φ5 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
BG5307S Single Color φ5 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR5004X Single Color φ5 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.
KR3301X Single Color φ3 Round Shape Type 1  2  3  4  5  More STANLEY ELECTRIC CO.,LTD.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn