Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS641 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AS641
Description  OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS641 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AS641 Datasheet HTML 4Page - Texas Instruments SN74AS641 Datasheet HTML 5Page - Texas Instruments SN74AS641 Datasheet HTML 6Page - Texas Instruments SN74AS641 Datasheet HTML 7Page - Texas Instruments SN74AS641 Datasheet HTML 8Page - Texas Instruments SN74AS641 Datasheet HTML 9Page - Texas Instruments SN74AS641 Datasheet HTML 10Page - Texas Instruments SN74AS641 Datasheet HTML 11Page - Texas Instruments SN74AS641 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74ALS642A-1DWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS642A-1DWRE4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS642A-1DWRG4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS642A-1N
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74ALS642A-1NE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74ALS642A-1NSR
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS642A-1NSRE4
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS642A-1NSRG4
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS642ADW
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
SN74ALS642ADWR
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
SN74ALS642AN
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
SN74AS641DW
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS641DWE4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS641DWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS641DWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS641DWRE4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS641DWRG4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS641N
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74AS641NE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Numéro de pièce similaire - SN74AS641

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS641 TI-SN74AS641 Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74AS641 TI1-SN74AS641 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74AS641DW TI-SN74AS641DW Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74AS641DW TI1-SN74AS641DW Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74AS641N TI-SN74AS641N Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
More results

Description similaire - SN74AS641

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI1-SN74ALS641A_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI1-SN54F621_16 Datasheet
632Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS642-1 HITACHI-HD74LS642-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(inverted open-collector outputs)
HD74LS642 HITACHI-HD74LS642 Datasheet
65Kb / 6P
   Octal Bus Transceivers(inverted open-collector outputs)
logo
Renesas Technology Corp
HD74LS642 RENESAS-HD74LS642 Datasheet
73Kb / 7P
   Octal Bus Transceivers (inverted open-collector outputs)
logo
Hitachi Semiconductor
HD74LS641 HITACHI-HD74LS641 Datasheet
65Kb / 6P
   Octal Bus Transceivers(non-inverted open-collector outputs)
logo
Renesas Technology Corp
HD74LS641 RENESAS-HD74LS641 Datasheet
164Kb / 7P
   Octal Bus Transceivers (non-inverted open-collector outputs)
logo
Hitachi Semiconductor
HD74LS641-1 HITACHI-HD74LS641-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(non-inverted open-collector outpurs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com