Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC-ABH241 Fiches technique(PDF) 3 Page - Hittite Microwave Corporation

No de pièce HMC-ABH241
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 50 - 66 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ABH241 Fiches technique(HTML) 3 Page - Hittite Microwave Corporation

  HMC-ABH241 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ABH241 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ABH241 Datasheet HTML 3Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC-ABH241
v00.0907
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 50 - 66 GHz
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage
+5.5 Vdc
Gain Bias Voltage
-1 to +0.3 Vdc
RF Input Power
2 dBm
Storage Temperature
-65 °C to + 150°C
Chennel Temperature
+180 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. TYPICAL BOND PAD IS .004” SQUARE.
3. BACKSIDE METALLIZATION: GOLD.
4. BACKSIDE METAL IS GROUND.
5. BOND PAD METALLIZATION: GOLD.
6. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
7. OVERALL DIE SIZE ±.002”


Numéro de pièce similaire - HMC-ABH241

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC-ABH241 HITTITE-HMC-ABH241 Datasheet
220Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 50 - 66 GHz
logo
Analog Devices
HMC-ABH241 AD-HMC-ABH241 Datasheet
295Kb / 6P
   Gaas HEMT MMIC MEDIUM POWER amplifier
HMC-ABH241 AD-HMC-ABH241 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC-ABH241_0712 HITTITE-HMC-ABH241_0712 Datasheet
220Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 50 - 66 GHz
HMC-ABH241 HITTITE-HMC-ABH241_09 Datasheet
226Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 50 - 66 GHz
More results

Description similaire - HMC-ABH241

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC-ABH241 HITTITE-HMC-ABH241_09 Datasheet
226Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 50 - 66 GHz
HMC-ABH241_0712 HITTITE-HMC-ABH241_0712 Datasheet
220Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 50 - 66 GHz
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH241 AD-HMC-ABH241 Datasheet
295Kb / 6P
   Gaas HEMT MMIC MEDIUM POWER amplifier
HMC-APH196 AD-HMC-APH196 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH634 AD-HMC-APH634 Datasheet
247Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com