Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847C Fiches technique(PDF) 4 Page - Pan Jit International Inc.

No de pièce BC847C
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847C Fiches technique(HTML) 4 Page - Pan Jit International Inc.

  BC847C Datasheet HTML 1Page - Pan Jit International Inc. BC847C Datasheet HTML 2Page - Pan Jit International Inc. BC847C Datasheet HTML 3Page - Pan Jit International Inc. BC847C Datasheet HTML 4Page - Pan Jit International Inc. BC847C Datasheet HTML 5Page - Pan Jit International Inc. BC847C Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
REV.0-MAR.7.2005
ELECTRICAL CHARACTERISTICS CURVE (BC846B,BAC847B,BC848B,BC849B,BC850B)
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J=25 ˚C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
1
10
0.1110
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 1.
Typical ICB0 vs. Junction Temperature
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage
BC846,BC847,BC848,BC849,BC850 SERIES


Numéro de pièce similaire - BC847C

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Formosa MS
BC847C FORMOSA-BC847C Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Weitron Technology
BC847C WEITRON-BC847C Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
Rectron Semiconductor
BC847C RECTRON-BC847C Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
Micro Commercial Compon...
BC847C MCC-BC847C Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Description similaire - BC847C

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com