Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC849AW Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BC849AW
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC849AW Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BC849AW Datasheet HTML 1Page - Pan Jit International Inc. BC849AW Datasheet HTML 2Page - Pan Jit International Inc. BC849AW Datasheet HTML 3Page - Pan Jit International Inc. BC849AW Datasheet HTML 4Page - Pan Jit International Inc. BC849AW Datasheet HTML 5Page - Pan Jit International Inc. BC849AW Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
STAD-JUL.06.2004
DATA SHEET
BC846W,BC847W,BC848W,BC849W,BC850W SERIES
.087(2.2)
.054(1.35)
.056(1.40)
.006(.15)
.016(.40)
.070(1.8)
.045(1.15)
.047(1.20)
.004(.10)MAX.
.002(.05)
.078(.20)
SOT-323
Unit: inch (mm)
NPN GENERAL PURPOSE TRANSISTORS
VOLTAGE
30/45/65 Volts
150 mWatts
FEATURES
• General purpose amplifier applications
• NPN epitaxial silicon, planar design
• Collector current IC = 100mA
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICAL DATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.0052 gram
CURRENT
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
6
4
8
C
B
0
5
8
C
B
,
7
4
8
C
B
9
4
8
C
B
,
8
4
8
C
B
VCEO
5
6
5
4
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
6
4
8
C
B
0
5
8
C
B
,
7
4
8
C
B
9
4
8
C
B
,
8
4
8
C
B
VCBO
0
8
0
5
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
6
4
8
C
B
0
5
8
C
B
,
7
4
8
C
B
9
4
8
C
B
,
8
4
8
C
B
VEBO
0
.
6
0
.
6
0
.
5
V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
I C
0
0
1A
m
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
M
P TO T
0
5
1W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
3
3
8
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
I
T STG
0
5
1
o
t
5
5
-
O C
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
:
g
n
i
k
r
a
M
e
c
i
v
e
D
A
6
4
=
W
A
6
4
8
C
BA
7
4
=
W
A
7
4
8
C
BA
8
4
=
W
A
8
4
8
C
B
B
6
4
=
W
B
6
4
8
C
BB
7
4
=
W
B
7
4
8
C
BB
8
4
=
W
B
8
4
8
C
BB
9
4
=
W
B
9
4
8
C
BB
0
5
=
W
B
0
5
8
C
B
C
7
4
=
W
C
7
4
8
C
BC
8
4
=
W
C
8
4
8
C
BC
9
4
=
W
C
9
4
8
C
BC
0
5
=
W
C
0
5
8
C
B


Numéro de pièce similaire - BC849AW

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BC849AW TSC-BC849AW Datasheet
334Kb / 5P
   NPN Transistor
BC849AW TSC-BC849AW Datasheet
236Kb / 6P
   NPN Transistor
More results

Description similaire - BC849AW

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com