Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7403BSTZ-1102 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADV7403BSTZ-1102
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7403BSTZ-1102 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADV7403BSTZ-1102 Datasheet HTML 2Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 3Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 4Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 5Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 6Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 7Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 8Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 9Page - Analog Devices ADV7403BSTZ-1102 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADV7403
Rev. SpA | Page 6 of 24
VIDEO SPECIFICATIONS
@ AVDD= 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. Operating temperature range,
unless otherwise noted.
Table 2.
Parameter1, ,
2 3
Symbol
Test Conditions
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS
Differential Phase
DP
CVBS input, modulated 5 step
0.4
degree
Differential Gain
DG
CVBS input, modulated 5 step
0.4
%
Luma Nonlinearity
LNL
CVBS input, 5 step
0.4
%
NOISE SPECIFICATIONS
SNR Unweighted
Luma ramp
61
64
dB
SNR Unweighted
Luma flat field
64
65
dB
Analog Front End Crosstalk
60
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range
−5
+5
%
Vertical Lock Range
40
70
Hz
FSC Subcarrier Lock Range
±1.3
kHz
Color Lock in Time
60
line
Sync Depth Range4
20
200
%
Color Burst Range
5
200
%
Vertical Lock Time
2
field
Horizontal Lock Time
100
line
CHROMA SPECIFICATIONS
Hue Accuracy
HUE
1
degree
Color Saturation Accuracy
CL_AC
1
%
Color AGC Range
5
400
%
Chroma Amplitude Error
0.4
%
Chroma Phase Error
0.3
degree
Chroma Luma Intermodulation
0.1
%
LUMA SPECIFICATIONS
Luma Brightness Accuracy
CVBS, 1 V input
1
%
Luma Contrast Accuracy
CVBS, 1 V input
1
%
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7403KSTZ-140).
3 Guaranteed by characterization.
4 Nominal sync depth is 300 mV at 100% sync depth range.


Numéro de pièce similaire - ADV7403BSTZ-1102

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
More results

Description similaire - ADV7403BSTZ-1102

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com