Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX9VSM Fiches technique(PDF) 2 Page - STATEK CORPORATION

No de pièce CX9VSM
Description  Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STATEK [STATEK CORPORATION]
Site Internet  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX9VSM Fiches technique(HTML) 2 Page - STATEK CORPORATION

  CX9VSM Datasheet HTML 1Page - STATEK CORPORATION CX9VSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10157 - Rev A
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Nickel, Solder Plated
SM3
Nickel, Solder Dipped
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
32.768 kHz
100 kHz
Motional Resistance R1(kΩ)70
19
Motional Capacitance C1 (fF)
2.2
1.0
Quality Factor Q (k)
27
80
Shunt Capacitance C0 (pF)
1.1
0.84
Load Capacitance (pF)*
9
5
Turning Point (
oC)**
20
16
Standard Calibration Tolerance***
Glass Lid:
30 ppm,
100 ppm,
1000 ppm
Ceramic Lid:
100 ppm,
1000 ppm,
10000 ppm
Drive Level
0.5
µW MAX
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm
Shock, survival
5,000 G peak, 0.3 ms, 1/2 sine
Vibration, survival
20 G RMS, 10-2,000 Hz random
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
Note: Deviation in frequency (f) @ temperature (T) from
frequency (f
O) @ turning point temperature (TO);
* Other load capacitance values available
** Other temperatures available
*** Tighter tolerances available
+
_
+
_
+
_
+
_
+
_
+
_
f-fO
=
k(T-To)
2
fO
HOW TO ORDER CX9VSM CRYSTALS
S
C
SM1
100.0K,
100
/
M
C = Ceramic Lid
Blank = Glass Lid
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX9
OSC
Freq (f )
O
R
f
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
“S” if special or
custom design.
Blank if Std.
CX9V
PACKAGING OPTIONS
CX9VSM
-Tray Pack
-16mm tape, 7” or 13” reels
Per EIA 481 (see data sheet 10109)
SM1 = Gold Plated
SM2 = Nickel, Solder Plated
SM3 = Nickel, Solder Dipped
Frequency
K = kHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C= -10
OC to +70OC
I= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified


Numéro de pièce similaire - CX9VSM

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
   32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX9VSM EUROQUARTZ-CX9VSM Datasheet
135Kb / 1P
   1Frequency Range 32kHz to 160kHz
logo
STATEK CORPORATION
CX9VSM STATEK-CX9VSM Datasheet
133Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX9VSM1 RSG-CX9VSM1 Datasheet
456Kb / 2P
   32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX9VSM2 RSG-CX9VSM2 Datasheet
456Kb / 2P
   32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
More results

Description similaire - CX9VSM

FabricantNo de pièceFiches techniqueDescription
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4_08 Datasheet
117Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
   Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
CX11L STATEK-CX11L Datasheet
205Kb / 2P
   Telemetry, Ultra Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com