Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5812-015-D-5-L Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SM5812-015-D-5-L
Description  Amplified Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM5812-015-D-5-L Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5812-015-D-5-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5812-015-D-5-L Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5812-015-D-5-L Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5812-015-D-5-L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON
MICROSTRUCTURES
I NCO RP O R A T E D
SM5812/SM5852
Amplified Pressure Sensor
 2005 SMI
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 ♦ USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@si-micro.com ♦ www.si-micro.com
Rev 1.4 6_05
NOW WITH ACCESS TO DIGITAL TEMPERATURE AND CORRECTED DIGITAL PRESSURE
LOW-COST, FULLY AMPLIFIED, CALIBRATED, AND COMPENSATED IN A SINGLE PACKAGE
AVAILABLE FOR DIFFERENTIAL, SINGLE-ENDED DIFFERENTIAL, GAGE & ABSOLUTE APPLICATIONS
MULTIPLE PRESSURE RANGES AVAILABLE TO MEASURE PRESSURE DOWN TO 0.15 PSI FULL-SCALE
AND UP TO
100 PSI FULL-SCALE
DESCRIPTION
The Silicon Microstructures SM5812 and
SM5852 series of OEM pressure sensors
combines state-of-the-art pressure sensor
technology with CMOS digital signal
processing technology to produce an
amplified, fully conditioned, multi-order
pressure and temperature compensated
sensor in a dual in-line package (DIP)
configuration.
Combining the pressure sensor with a
custom signal conditioning ASIC in a single
package simplifies the use of advanced
silicon micromachined pressure sensors.
Now, the pressure sensor can be mounted
directly to a standard printed circuit board
and an amplified, high level, calibrated
pressure signal can be acquired from the
digital interface or analog output. This
eliminates the need of additional circuitry,
such as a compensation network or micro-
controller containing a custom correction
algorithm.
The SM5812/SM5852 Series pressure
sensors are based on SMI's highly stable,
piezoresistive pressure sensor chips
mounted on a ceramic substrate. An
electronically programmable ASIC is
contained in the same package to provide
calibration and temperature compensation.
The model SM5812 is designed for
operating pressure ranges from 0-5 PSI up
to 0-100 PSI. The model SM5852 is
designed for operating pressure ranges from
0-0.15 PSI up to 0-3 PSI. For both models,
the sensor output is ratiometric with the
supply voltage.
FEATURES
Amplified, calibrated, fully signal
conditioned output span of 4.0 VDC FS
(0.5 to 4.5 V signal)
Digital temperature and calibrated
pressure available through I
2C interface
Output ratiometric with supply voltage
Multi-order correction for pressure non-
linearity (factory programmed)
Multi-order correction for temperature
coefficient of span and offset (factory
programmed)
Gage, differential, and absolute versions
SMI’s unique low-pressure die allows for
a full-scale pressure range of 0-0.15 PSI
TYPICAL APPLICATIONS
Barometric measurement
Medical instrumentation
Pneumatic control
Gas flow
Respirators and ventilators
Heating, Ventilation and Air Conditioning
(HVAC)


Numéro de pièce similaire - SM5812-015-D-5-L

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Mitus, Inc.
SM5811 SILICONMITUS-SM5811 Datasheet
286Kb / 2P
   A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5813 NPC-SM5813 Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AF NPC-SM5813AF Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AP NPC-SM5813AP Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813APT NPC-SM5813APT Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
More results

Description similaire - SM5812-015-D-5-L

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com