Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21S Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BAS21S
Description  SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS21S Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BAS21S Datasheet HTML 1Page - Pan Jit International Inc. BAS21S Datasheet HTML 2Page - Pan Jit International Inc. BAS21S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-JUL.13.2004
DATA SHEET
BAS21A/C/S
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
VOLTAGE
250 Volts
250mWatts
FEATURES
• High reverse bearkdown voltage.
• Fast switching speed.
• Low reverse leakage current.
• Surface mount package ideally suited for automatic insertion.
• Galvanically isolated dual configurations to save board space.
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
Marking : BAS21A:21A, BAS21C:21C, BAS21S:21S
POWER
ABSOLUTE RATINGS
COMMON ANODE
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
M
V R
0
5
2V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RRM
0
5
2V
5
2
=
p
m
e
T
t
a
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
O CI O
2
.
0A
s
0
.
1
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
IFS M
5
.
2A
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
P TO T
0
5
2W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θJA
7
5
3
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T J
0
5
1
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T STG
0
5
1
o
t
5
5
-
O C
SERIES
COMMON CATHODE
BAS21A
BAS21C
BAS21S


Numéro de pièce similaire - BAS21S

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BAS21S WEITRON-BAS21S Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Jiangsu Changjiang Elec...
BAS21S JIANGSU-BAS21S Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21S BILIN-BAS21S Datasheet
177Kb / 3P
   Surface mount switching diode
logo
Diode Semiconductor Kor...
BAS21S DSK-BAS21S Datasheet
226Kb / 3P
   Surface mount switching diode
logo
Guangdong Kexin Industr...
BAS21S KEXIN-BAS21S Datasheet
41Kb / 1P
   Surface Mount Switching Diodes
More results

Description similaire - BAS21S

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A-AU PANJIT-BAS21A-AU_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A_09 Datasheet
89Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Central Semiconductor C...
CMLD2004 CENTRAL-CMLD2004 Datasheet
62Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004_10 Datasheet
526Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101_09 Datasheet
81Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101_11 Datasheet
428Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com