Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HCT299M96G4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HCT299M96G4
Description  High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT299M96G4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CD74HCT299M96G4 Datasheet HTML 7Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 8Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 9Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 10Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 11Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 12Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 13Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 14Page - Texas Instruments CD74HCT299M96G4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Numéro de pièce similaire - CD74HCT299M96G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HCT299M96 TI-CD74HCT299M96 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HCT299M96E4 TI-CD74HCT299M96E4 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results

Description similaire - CD74HCT299M96G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HC299 TI-CD74HC299 Datasheet
54Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
   CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Texas Instruments
CD54HC194 TI-CD54HC194_06 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194_08 Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
74HC194N TI-74HC194N Datasheet
554Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
   Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194_1 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com