Moteur de recherche de fiches techniques de composants électroniques |
|
CB1SLU521560200 Fiches technique(PDF) 4 Page - Bookham, Inc. |
|
CB1SLU521560200 Fiches technique(HTML) 4 Page - Bookham, Inc. |
4 / 6 page Data Sheet 4 CONNECTOR TYPE LU = LC/UPC FU = FC/UPC FA = FC/APC SU = SC/UPC SA = SC/APC MU = MU ..... NA = NONE CC = COMBO (See Spec) CENTER WAVELENGTH (nm) 1560200 = 1560.200 or FREQUENCY (THz) F192.150 = 192.150 CWL found in the table below. Center Wavelength is center of band and may be on 50GHz ITU grid. 4 digit SPEC # to be found in the table on page 2 C B 1 S L U 3 2156 0200 PACKAGE TYPE S = STD (5.5 mm dia) C = COMPACT (3.2 mm dia) H = INNER HOUSING ONLY R = RUGGED (See Spec) Z = CUSTOM (See Spec) G = ALL GLASS FIBER TYPE 1 = 900 µm Loose Tube 2 = 2 mm Jacketed 3 = 250 µm Bare Fibre 4 = 900 µm Tight Buffer 9 = See Specification FIBER LENGTH 1 = 1 Meter Min. 2 = 2 Meter Min. 3 = 3 Meter Min. 4 = 1.5 Meter Min. 5 = 2.5 Meter Min. 6 = 1-1.5 Meter 7 = 0.9-1.0 Meter 8 = Multiple 9 = See Specification Ordering Information Band filter numbering convention Channel Plans: CWL (nm) CWL (THz) Banded (Skipped) Channels 2s0 1560.200 192.150 Ch’s 20, 21 1558.578 192.350 Ch’s 22, 23 1556.959 192.550 Ch’s 24, 25 1555.343 192.750 Ch’s 26, 27 1553.731 192.950 Ch’s 28, 29 1552.122 193.150 Ch’s 30, 31 1550.517 193.350 Ch’s 32, 33 1548.915 193.550 Ch’s 34, 35 1547.316 193.750 Ch’s 36, 37 1545.720 193.950 Ch’s 38, 39 1544.128 194.150 Ch’s 40, 41 1542.539 194.350 Ch’s 42, 43 1540.953 194.550 Ch’s 44, 45 1539.371 194.750 Ch’s 46, 47 1537.792 194.950 Ch’s 48, 49 1536.216 195.150 Ch’s 50, 51 |
Numéro de pièce similaire - CB1SLU521560200 |
|
Description similaire - CB1SLU521560200 |