Moteur de recherche de fiches techniques de composants électroniques |
|
CB2CSU1315533290653 Fiches technique(PDF) 2 Page - Bookham, Inc. |
|
CB2CSU1315533290653 Fiches technique(HTML) 2 Page - Bookham, Inc. |
2 / 3 page D 200GHz Filters Typical design specifications (valid over operating temperature) Transmitted Channels Standard OADM Clear Channel Passband 64 64 1.0 1.0 Insertion Loss Variation 0.3 0.2 Adjacent Band Isolation 30 30 Polarization Dependent Loss 0.15 0.1 Return Loss 45 45 Chromatic Dispersion b ±15 ±8 Directivity 45 45 Reflected Channel 0.4 0.4 Insertion Loss Variation 0.15 0.1 Polarization Dependent Loss 0.15 0.1 Reflection Isolation b 12 16 Chromatic Dispersion b ±5 ±4 Directivity 45 45 Component Parameters Operating Temperature Storage Temperature a Loss includes connector pair. b At edge of clear channel passband. ominal overall length. Standard package length without boots nominally 35mm. mm -5 to 70 -40 to 85 dB dB unit dB Insertion Loss a dB GHz dB Insertion Loss a dB dB dB Dimensions c (standard packaging) ps/nm dB dB ps/nm dB 5.5 (Ø) x 51 (L) °C °C c N Example Performance 200GHz OADM filter performance -5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 1539 1539.5 1540 1540.5 1541 Wavelength (nm) Transmission Reflection |
Numéro de pièce similaire - CB2CSU1315533290653 |
|
Description similaire - CB2CSU1315533290653 |