Moteur de recherche de fiches techniques de composants électroniques |
|
CB1SLU421560200 Fiches technique(PDF) 1 Page - Bookham, Inc. |
|
CB1SLU421560200 Fiches technique(HTML) 1 Page - Bookham, Inc. |
1 / 6 page Data Sheet 1 Bookham banded skip filters leverage the proprietary Advanced Energetic Deposition (AED) process to produce the industry’s best skip filter solution. The AED process features state-of-the-art layer thickness control to produce thin-film interference filters that are unparalleled for optical add/drop multiplexing (OADM) WDM applications. Standard 5.5mm diameter packaging is available with the boot/length specification needed to meet your application. The optional compact packaging has diameter of only 3.2mm. All Bookham filter components are Telcordia GR-1221 qualified and RoHS compliant. Skip filters allow for practical ROADM deployments by splitting off a small band of wavelengths (4, 8, or 10) that can be reconfigured, without losing adjacent channels, for a more cost effective add/drop solution and a “pay as you grow” network architecture. Bookham’s OADM 100GHz TFF products can be used for a fixed OADM portion of the network. Bookham offers custom skip designs for channel plans not covered in the ordering information table. Features: • 10ch, 8ch, 4ch and 2ch skip-zero filters available • Wide range of band plans available including skip-1 and skip-2 designs. • Deep reflection isolation for minimized coherent crosstalk • Low express channel loss • Flat transmission passband for cascading • Fewer skipped channels • 27.5GHz clear channel allocation • Excellent temperature stability • GR-1221 qualified • RoHS compliant Options: • Custom skip designs available • Compact packaging: 3.2mm diameter • Rugged packaging • Other channel plans available Applications: • Add/drop multiplexing • Metro and long-haul WDM • Banded Mux/Demux Banded Skip Filters for 100GHz Add/Drop Multiplexing |
Numéro de pièce similaire - CB1SLU421560200 |
|
Description similaire - CB1SLU421560200 |