Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8178 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8178
Description  450 MHz, Triple 16 횞 5 Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8178 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8178 Datasheet HTML 6Page - Analog Devices AD8178 Datasheet HTML 7Page - Analog Devices AD8178 Datasheet HTML 8Page - Analog Devices AD8178 Datasheet HTML 9Page - Analog Devices AD8178 Datasheet HTML 10Page - Analog Devices AD8178 Datasheet HTML 11Page - Analog Devices AD8178 Datasheet HTML 12Page - Analog Devices AD8178 Datasheet HTML 13Page - Analog Devices AD8178 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD8178
Rev. 0 | Page 10 of 40
Table 14. Ball Grid Description
Ball No.
Mnemonic
Description
A1
VNEG
Negative Analog Power Supply.
A2
VNEG
Negative Analog Power Supply.
A3
VNEG
Negative Analog Power Supply.
A4
INB12
Input Number 12, Negative Phase.
A5
IPR12
Input Number 12, Positive Phase.
A6
VPOS
Positive Analog Power Supply.
A7
INB11
Input Number 11, Negative Phase.
A8
IPR11
Input Number 11, Positive Phase.
A9
VNEG
Negative Analog Power Supply.
A10
INB10
Input Number 10, Negative Phase.
A11
IPR10
Input Number 10, Positive Phase.
A12
VPOS
Positive Analog Power Supply.
A13
INB9
Input Number 9, Negative Phase.
A14
IPR9
Input Number 9, Positive Phase.
A15
VNEG
Negative Analog Power Supply.
A16
INB8
Input Number 8, Negative Phase.
A17
IPR8
Input Number 8, Positive Phase.
A18
VPOS
Positive Analog Power Supply.
A19
ONB4
Output Number 4, Negative Phase.
A20
OPR4
Output Number 4, Positive Phase.
A21
VNEG
Negative Analog Power Supply.
A22
NC
No Connect.
A23
NC
No Connect.
A24
VNEG
Negative Analog Power Supply.
A25
VNEG
Negative Analog Power Supply.
A26
VNEG
Negative Analog Power Supply.
B1
VNEG
Negative Analog Power Supply.
B2
VNEG
Negative Analog Power Supply.
B3
VNEG
Negative Analog Power Supply.
B4
IPB12
Input Number 12, Positive Phase.
B5
INR12
Input Number 12, Negative Phase.
B6
VPOS
Positive Analog Power Supply.
B7
IPB11
Input Number 11, Positive Phase.
B8
INR11
Input Number 11, Negative Phase.
B9
VNEG
Negative Analog Power Supply.
B10
IPB10
Input Number 10, Positive Phase.
B11
INR10
Input Number 10, Negative Phase.
B12
VPOS
Positive Analog Power Supply.
B13
IPB9
Input Number 9, Positive Phase.
B14
INR9
Input Number 9, Negative Phase.
B15
VNEG
Negative Analog Power Supply.
B16
IPB8
Input Number 8, Positive Phase.
B17
INR8
Input Number 8, Negative Phase.
B18
VPOS
Positive Analog Power Supply.
B19
OPB4
Output Number 4, Positive Phase.
B20
ONR4
Output Number 4, Negative Phase.
B21
VNEG
Negative Analog Power Supply.
B22
NC
No Connect.
B23
NC
No Connect.
B24
VNEG
Negative Analog Power Supply.
B25
VNEG
Negative Analog Power Supply.
Ball No.
Mnemonic
Description
B26
VNEG
Negative Analog Power Supply.
C1
VNEG
Negative Analog Power Supply.
C2
VNEG
Negative Analog Power Supply.
C3
VNEG
Negative Analog Power Supply.
C4
ING12
Input Number 12, Negative Phase.
C5
IPG12
Input Number 12, Positive Phase.
C6
VPOS
Positive Analog Power Supply.
C7
ING11
Input Number 11, Negative Phase.
C8
IPG11
Input Number 11, Positive Phase.
C9
VNEG
Negative Analog Power Supply.
C10
ING10
Input Number 10, Negative Phase.
C11
IPG10
Input Number 10, Positive Phase.
C12
VPOS
Positive Analog Power Supply.
C13
ING9
Input Number 9, Negative Phase.
C14
IPG9
Input Number 9, Positive Phase.
C15
VNEG
Negative Analog Power Supply.
C16
ING8
Input Number 8, Negative Phase.
C17
IPG8
Input Number 8, Positive Phase.
C18
VPOS
Positive Analog Power Supply.
C19
ONG4
Output Number 4, Negative Phase.
C20
OPG4
Output Number 4, Positive Phase.
C21
VNEG
Negative Analog Power Supply.
C22
NC
No Connect.
C23
NC
No Connect.
C24
VNEG
Negative Analog Power Supply.
C25
VNEG
Negative Analog Power Supply.
C26
VNEG
Negative Analog Power Supply.
D1
IPR13
Input Number 13, Positive Phase.
D2
INR13
Input Number 13, Negative Phase.
D3
IPG13
Input Number 13, Positive Phase.
D4
VPOS
Positive Analog Power Supply.
D5
VPOS
Positive Analog Power Supply.
D6
VPOS
Positive Analog Power Supply.
D7
VPOS
Positive Analog Power Supply.
D8
VPOS
Positive Analog Power Supply.
D9
VPOS
Positive Analog Power Supply.
D10
VPOS
Positive Analog Power Supply.
D11
VPOS
Positive Analog Power Supply.
D12
VPOS
Positive Analog Power Supply.
D13
VPOS
Positive Analog Power Supply.
D14
VPOS
Positive Analog Power Supply.
D15
VPOS
Positive Analog Power Supply.
D16
VPOS
Positive Analog Power Supply.
D17
VPOS
Positive Analog Power Supply.
D18
VPOS
Positive Analog Power Supply.
D19
V4
Output Number 4, V Sync.
D20
H4
Output Number 4, H Sync.
D21
VPOS
Positive Analog Power Supply.
D22
NC
No Connect.
D23
NC
No Connect.
D24
VNEG
Negative Analog Power Supply.


Numéro de pièce similaire - AD8178

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8178 AD-AD8178 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8178 AD-AD8178 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8178ABPZ AD-AD8178ABPZ Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
More results

Description similaire - AD8178

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com