Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PJGL05 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce PJGL05
Description  ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJGL05 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  PJGL05 Datasheet HTML 1Page - Pan Jit International Inc. PJGL05 Datasheet HTML 2Page - Pan Jit International Inc. PJGL05 Datasheet HTML 3Page - Pan Jit International Inc. PJGL05 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJGL05 SERIES
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED
DATA LINES
SPECIFICATION FEATURES
APPLICATIONS
This Transient Voltage Suppressor is intended to Protect Sensitive Equipment
against Electrostatic Discharge and Transient Events as well to offer a Miminum
insertion loss in high speed data communication transmission line ports used
in Portable Consumer, Computing and Networking Applications.
IEC61000-4-5 17 Amps peak, 8x20 µsec Waveform
Maximum Leakage Current of 5µA
Mobile Phones and accessories
Universal Serial Bus (USB1.1 and 2.0) Applications
Portable Consumer Electronics
Instrumentation Equipment
1
2
3
1
2
3
MAXIMUM RATINGS
Rating
Symbol
Value
Units
ELECTRICAL CHARACTERISTICS
Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8x20µsec)
Clamping Voltage (8x20µsec)
Off State Junction Capacitance
VWRM
V
BR
I R
cl
V
Vcl
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between pins 1 and 2
5V
6V
µA
5
9.5
V
12
V
17
A
pF
1.2
1mA
5V
1 Amps
5 Amps
400
>25
-55 to +125
-55 to +150
260
W
kV
°C
°C
°C
Peak Pulse Power
8x20µsec Waveform
ESD Voltage (HBM)
Operating Temperature Range
Storage Temperature Range
Ppp
V ESD
TJ
Tstg
2/11/2005
Page
1
www.panjit.com
Maximum Peak Pulse Current
pp
I
Lead Soldering Temperature (max 10 secs)
TL
8x20 µsec Waveform
Working Peak Reverse Voltage Range - 5, 12, 15 and 24V
IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge
PJGL05
Peak Pulse Current
8x20µsec Waveform
A
17
3 N.C.
21
SOT23
3 N.C.
21
SOT23
Ethernet 10, 100 and 1000 Base Port Protection
I pp


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn