Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC595SJ Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74VHC595SJ
Description  8-Bit Shift Register with Output Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC595SJ Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74VHC595SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 9Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 10Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 11Page - Fairchild Semiconductor 74VHC595SJ Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC595 Rev. 1.2
8
AC Operating Requirements
Symbol
Parameter
VCC (V)
TA = 25°C
TA = –40°C
to +85°C
Units
Typ.
Guaranteed Minimum
tS
Minimum Setup Time (SER–SCK)
3.3 ± 0.3
3.5
3.5
ns
5.0 ± 0.5
3.0
3.0
tS
Minimum Setup Time (SCK–RCK)
3.3 ± 0.3
8.0
8.5
ns
5.0 ± 0.5
5.0
5.0
tS
Minimum Setup Time (SCLR–RCK)
3.3 ± 0.3
8.0
9.0
ns
5.0 ± 0.5
5.0
5.0
tH
Minimum Hold Time (SER–SCK)
3.3 ± 0.3
1.5
1.5
ns
5.0 ± 0.5
2.0
2.0
tH
Minimum Hold Time (SCK–RCK)
3.3 ± 0.3
0.0
0.0
ns
5.0 ± 0.5
0.0
0.0
tH
Minimum Hold Time (SCLR–RCK)
3.3 ± 0.3
0.0
0.0
ns
5.0 ± 0.5
0.0
0.0
tW(L)
Minimum Pulse Width (SCLR)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0
tW(L), tW(H) Minimum Pulse Width (SCK)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0
tW(L), tW(H) Minimum Pulse Width (RCK)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0
trem
Minimum Removal Time (SCLR–SCK)
3.3 ± 0.3
3.0
3.0
ns
5.0 ± 0.5
2.5
2.5


Numéro de pièce similaire - 74VHC595SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC595SJ FAIRCHILD-74VHC595SJ Datasheet
83Kb / 9P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595SJ ONSEMI-74VHC595SJ Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC595SJX FAIRCHILD-74VHC595SJX Datasheet
83Kb / 9P
   8-Bit Shift Register with Output Latches
More results

Description similaire - 74VHC595SJ

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com