Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7404QPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7404QPBF
Description  HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040廓 )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7404QPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7404QPBF Datasheet HTML 1Page - International Rectifier IRF7404QPBF Datasheet HTML 2Page - International Rectifier IRF7404QPBF Datasheet HTML 3Page - International Rectifier IRF7404QPBF Datasheet HTML 4Page - International Rectifier IRF7404QPBF Datasheet HTML 5Page - International Rectifier IRF7404QPBF Datasheet HTML 6Page - International Rectifier IRF7404QPBF Datasheet HTML 7Page - International Rectifier IRF7404QPBF Datasheet HTML 8Page - International Rectifier IRF7404QPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
IRF7404QPbF
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS = -20V
RDS(on) = 0.040Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -4.5V
-7.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-6.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-5.4
IDM
Pulsed Drain Current 
-27
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
08/29/07
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
50
°C/W
www.irf.com
1
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
P Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Automotive [Q101] Qualified
l
Lead-Free
Description
Specifically designed for Automotive applications, these
HEXFET® Power MOSFET's in package utilize the lastest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of these
Automotive qualified HEXFET Power MOSFET's are a
150°C junction operating temperature, fast switching
speed and improved repetitive avalanche rating. These
benefits combine to make this design an extremely efficient
and reliable device for use in Automotive applications and
a wide variety of other applications.
The efficient SO-8 package provides enhanced thermal
characteristics making it ideal in a variety of power
applications. This surface mount SO-8 can dramatically
reduce board space and is also available
in Tape & Reel.
SO-8
PD - 96127


Numéro de pièce similaire - IRF7404QPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7404 IRF-IRF7404 Datasheet
163Kb / 8P
   HEXFET Power MOSFET
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
   P-Channel MOSFET
logo
International Rectifier
IRF7404PBF IRF-IRF7404PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
More results

Description similaire - IRF7404QPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7604PBF IRF-IRF7604PBF Datasheet
508Kb / 8P
   HEXFET POWER MOSFET ( VDSS = -20V , RDS(on) = 0.09廓 )
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
   HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com