Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VAC80C-915-01 Fiches technique(PDF) 2 Page - Bookham, Inc.

No de pièce VAC80C-915-01
Description  80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOOKHAM [Bookham, Inc.]
Site Internet  
Logo BOOKHAM - Bookham, Inc.

VAC80C-915-01 Fiches technique(HTML) 2 Page - Bookham, Inc.

  VAC80C-915-01 Datasheet HTML 1Page - Bookham, Inc. VAC80C-915-01 Datasheet HTML 2Page - Bookham, Inc. VAC80C-915-01 Datasheet HTML 3Page - Bookham, Inc. VAC80C-915-01 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
Parameter
Symbol
Typical
Unit
CW Output Power
P
op
80
W
Central Wavelength [1]
VAC80C-915-01/02
λ
c915
915 ± 10
VAC80C-940-01/02
λ
c940
940 ± 10
nm
VAC80C-980-01/02
λ
c980
980 ± 10
Spectral Width (FWHM)
∆λ
4nm
Wavelength Shift with Temperature
d
λ
c/dTop
0.3
nm/°C
Beam Divergence
Parallel to Junction (90% of Power)
θ
//
9
deg
Perpendicular to Junction (FWHM)
θ⊥
29
Polarization
TE
Threshold Current
I
th
11
A
Slope Efficiency
η
D = Pop/(Iop-Ith)
1.1
W/A
Conversion Efficiency
H = P
op/(VopxIop)60
%
Series Resistance
R
s
5m
Operating Current
I
op
84
A
Operating Voltage
V
op
1.6
V
Operating Temperature
T
op
25 ±5
°C
Watercooler Flow
Q
w
22 ± 4
l/hrs
Microchannel Cooler Differential Pressure
P
w
0.7
bar
Notes:
[1] Reduced wavelength window/extended range available on request (900-1060nm).
Bar Dimensions
Parameter
Symbol
Typical
Unit
Bar Width
b
3.6
mm
Resonator Length
l
3.6
mm
Emission Area Length
w
3200
µm


Numéro de pièce similaire - VAC80C-915-01

FabricantNo de pièceFiches techniqueDescription
logo
Caliber Electronics Inc...
VAC CALIBER-VAC Datasheet
105Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
Cypress Semiconductor
VAC068 CYPRESS-VAC068 Datasheet
190Kb / 6P
   VMEbus Address Controller
VAC068A CYPRESS-VAC068A Datasheet
190Kb / 6P
   VMEbus Address Controller
VAC068A-BC CYPRESS-VAC068A-BC Datasheet
190Kb / 6P
   VMEbus Address Controller
VAC068A-GC CYPRESS-VAC068A-GC Datasheet
190Kb / 6P
   VMEbus Address Controller
More results

Description similaire - VAC80C-915-01

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SPC40C-980-01 BOOKHAM-SPC40C-980-01 Datasheet
233Kb / 4P
   40W / 30W 980nm High Brightness Single-Mode Laser Diode Bar on Passive Cu Block Cooler
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com