Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL760M33Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TL760M33Q1
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL760M33Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  TL760M33Q1 Datasheet HTML 1Page - Texas Instruments TL760M33Q1 Datasheet HTML 2Page - Texas Instruments TL760M33Q1 Datasheet HTML 3Page - Texas Instruments TL760M33Q1 Datasheet HTML 4Page - Texas Instruments TL760M33Q1 Datasheet HTML 5Page - Texas Instruments TL760M33Q1 Datasheet HTML 6Page - Texas Instruments TL760M33Q1 Datasheet HTML 7Page - Texas Instruments TL760M33Q1 Datasheet HTML 8Page - Texas Instruments TL760M33Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL760M18Q1, TL760M25Q1, TL760M33Q1
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SGLS284F − OCTOBER 2005 − REVISED APRIL 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D ±3% Output Voltage Variation Across Load
and Temperature
D Load-Dump Protection
D 500-mV Maximum Dropout Voltage at
500 mA (3.3-V Option)
D Fixed 1.8-V, 2.5-V, and 3.3-V Outputs
D Internal Thermal-Overload Protection
D Internal Overvoltage Protection
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D TLE4274 Alternative
GND
OUTPUT
KTT (TO-263) PACKAGE
(TOP VIEW)
INPUT
description/ordering information
The TL760M family of low-dropout regulators offers a variety of fixed-voltage options that offer a maximum
continuous input voltage of 26 V. Utilizing a pnp pass element, these regulators are capable of sourcing 500
mA of current, with a specified maximum dropout of 500 mV (3.3-V and 2.5-V options), making these regulators
ideal for low-voltage applications. Additionally, the TL760M regulators offer very tight output accuracy of
±3%
across operating load and temperature ranges. Other convenient features the regulators provide are internal
overcurrent limiting, thermal-overload protection, and overvoltage protection. The TL760M is load−dump
protected to its maximum operating condition of 45 V. Stability has been optimized for typical automotive
applications and low-cost capacitors. The TL760M family of regulators is available in fixed voltages of 1.8 V,
2.5 V, and 3.3 V.
ORDERING INFORMATION
TJ
VO
(NOM)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
1.8 V
TO-263 − KTT
Reel of 500
TL760M18QKTTRQ1‡
TL760M18Q1
−40
°C to 125°C
2.5 V
TO-263 − KTT
Reel of 500
TL760M25QKTTRQ1
TL760M25Q1
−40 C to 125 C
3.3 V
TO-263 − KTT
Reel of 500
TL760M33QKTTRQ1
TL760M33Q1
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ Product preview
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2007, Texas Instruments Incorporated
PowerFLEX and PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - TL760M33Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL760M33QKTTRQ1 TI1-TL760M33QKTTRQ1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33QKVURQ1 TI1-TL760M33QKVURQ1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
More results

Description similaire - TL760M33Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com