Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM4040 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4040 Fiches technique(HTML) 2 Page - Texas Instruments

  LM4040_07 Datasheet HTML 1Page - Texas Instruments LM4040_07 Datasheet HTML 2Page - Texas Instruments LM4040_07 Datasheet HTML 3Page - Texas Instruments LM4040_07 Datasheet HTML 4Page - Texas Instruments LM4040_07 Datasheet HTML 5Page - Texas Instruments LM4040_07 Datasheet HTML 6Page - Texas Instruments LM4040_07 Datasheet HTML 7Page - Texas Instruments LM4040_07 Datasheet HTML 8Page - Texas Instruments LM4040_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
www.ti.com
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
ORDERING INFORMATION
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(1)
GRADE
PART NUMBER
MARKING(2)
SC-70 (DCK)
Reel of 3000
LM4040A20IDCKR
MS_
Reel of 3000
LM4040A20IDBZR
SOT-23-3 (DBZ)
4MC_
2.048 V
Reel of 250
LM4040A20IDBZT
Bulk of 1000
LM4040A20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A20ILPR
SC-70 (DCK)
Reel of 3000
LM4040A25IDCKR
P2_
Reel of 3000
LM4040A25IDBZR
SOT-23-3 (DBZ)
4NG_
2.5 V
Reel of 250
LM4040A25IDBZT
Bulk of 1000
LM4040A25ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A25ILPR
SC-70 (DCK)
Reel of 3000
LM4040A30IDCKR
P9_
Reel of 3000
LM4040A30IDBZR
SOT-23-3 (DBZ)
4M6_
3 V
Reel of 250
LM4040A30IDBZT
Bulk of 1000
LM4040A30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A30ILPR
A grade:
SC-70 (DCK)
Reel of 3000
LM4040A41IDCKR
P4_
0.1% initial
Reel of 3000
LM4040A41IDBZR
accuracy
SOT-23-3 (DBZ)
4M2_
–40
°C to 85°C
and
4.096 V
Reel of 250
LM4040A41IDBZT
100 ppm/
°C
Bulk of 1000
LM4040A41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040A50IDCKR
N5_
Reel of 3000
LM4040A50IDBZR
SOT-23-3 (DBZ)
4NA_
5 V
Reel of 250
LM4040A50IDBZT
Bulk of 1000
LM4040A50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A50ILPR
SC-70 (DCK)
Reel of 3000
LM4040A82IDCKR
PD_
Reel of 3000
LM4040A82IDBZR
SOT-23-3 (DBZ)
4NL_
8.192 V
Reel of 250
LM4040A82IDBZT
Bulk of 1000
LM4040A82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A82ILPR
SC-70 (DCK)
Reel of 3000
LM4040A10IDCKR
PH_
Reel of 3000
LM4040A10IDBZR
SOT-23-3 (DBZ)
4NQ_
10 V
Reel of 250
LM4040A10IDBZT
Bulk of 1000
LM4040A10ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A10ILPR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
2
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM4041 1.225V Precision micropower shunt voltage reference 1  2  3  4  5  More Zetex Semiconductors
ADR1581 1.25 V Micropower Precision Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
LM4040_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Vishay Siliconix
ZR285-25 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
TS821_07 1.225V micropower shunt voltage reference 1  2  3  4  5  More STMicroelectronics
ZR4040-25 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ADR1500 1.2875 V Micropower Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
LM4040_07 Precision micropower shunt voltage references 1  2  3  4  5  More Zetex Semiconductors
ZR12D PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn