Moteur de recherche de fiches techniques de composants électroniques |
|
IRFB31N20DPBF Fiches technique(PDF) 11 Page - International Rectifier |
|
IRFB31N20DPBF Fiches technique(HTML) 11 Page - International Rectifier |
11 / 12 page www.irf.com 11 IRFB/S/SL31N20DPbF Repetitive rating; pulse width limited by max. junction temperature. ISD ≤ 18A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Notes: Starting TJ = 25°C, L = 3.8mH RG = 25Ω, IAS = 18A. Pulse width ≤ 300µs; duty cycle ≤ 2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS This is only applied to TO-220AB package This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.03/04 3 4 4 TRR FEED DIRECTION 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) TRL FEED DIRECTION 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) MAX. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) MIN. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. D2Pak Tape & Reel Infomation Dimensions are shown in millimeters (inches) |
Numéro de pièce similaire - IRFB31N20DPBF |
|
Description similaire - IRFB31N20DPBF |