Moteur de recherche de fiches techniques de composants électroniques |
|
ML145503 Fiches technique(PDF) 11 Page - LANSDALE Semiconductor Inc. |
|
ML145503 Fiches technique(HTML) 11 Page - LANSDALE Semiconductor Inc. |
11 / 26 page ML145502, ML145503, ML145505 LANSDALE Semiconductor, Inc. RxO, RxO Receive Analog Outputs These two complimentary outputs are generated from the out- put of the receive filter. They are equal in magnitude and out of phase. The maximum signal output of each is equal to the maxi- mum peak–to–peak signal described with the reference. If a 3.15 V reference is used with RSI tied to VAG and a + 3 dBm0 sine wave is decoded, the RxO output will be a 6.3 V peak–to–peak signal. RxO will also have an inverted signal out- put of 6.3 V peak–to–peak. External loads may be connected from RxO to RxO for a 6 dB push–pull signal gain or from either RxO or RxO to VAG. With a 3.15 V reference each output will drive 600 Ω to + 9 dBm. With RSI tied to VDD, each out- put will drive 900 Ω to + 9 dBm. RxG Receive Output Gain Adjust (ML145502 Only) The purpose of the RxG pin is to allow external gain adjust- ment for the RxO pin. If RxG is left open, then the output signal at RxO will be inverted and output at RxO. Thus the push–pull gain to a load from RxO to RxO is two times the output level at RxO. If external resistors are applied from RxO to RxG (RI) and from RxG to RxO (RG), the gain of RxO can be set differ- ently from inverting unity. These resistors should be in the range of 10 k Ω. The RxO output level is unchanged by the resistors and the RxO gain is approximately equal to minus RG/RI. The actual gain is determined by taking into account the internal resistors which will be in parallel to these external resistors. The internal resistors have a large tolerance, but they match each other very closely. This matching tends to minimize the effects of their tolerance on external gain configurations. The circuit for RxG and RxO is shown in the block diagram. Txl Transmit Analog Input TxI is the input to the transmit filter. It is also the output of the transmit gain amplifiers of the ML145502/03/05. The TxI input has an internal gain of 1.0, such that a +3 dBm0 signal at TxI corresponds to the peak converter reference voltage as described in the Vref and RSI pin descriptions. For 3.15 V refer- ence, the + 3 dBm0 input should be 6.3 V peak–to–peak. +Tx/–Tx Positive Tx Amplifier Input Negative Tx Amplifier Input The Txl pin is the input to the transmit band–pass filter. If +Tx or –Tx is available, then there is an internal amplifier pre- ceding the filter whose pins are +Tx, –Tx, and TxI. These pins allow access to the amplifier terminals to tailor the input gain with external resistors. The resistors should be in the range of 10 k Ω. If +Tx is not available, it is internally tied to VAG. If –Tx and +Tx are not available, the TxI is a unity gain high–impedance input. POWER SUPPLIES VDD Most Positive Power Supply VDD is typically 5 to 12 V. VSS Most Negative Power Supply VSS is typically 10 to 12 V negative of VDD. For a ±5 V dual–supply system, the typical power supply con- figuration is VDD = + 5 V, VSS = – 5 V, VLS = 0 V (digital ground accommodating TTL logic levels), and VAG = 0 V being tied to system analog ground. For single–supply applications, typical power supply configu- rations include: VDD = 10 V to 12 V VSS = 0 V VAG generates a mid supply voltage for referencing all analog signals. VLS controls the logic levels. This pin should be connected to VDD for CMOS logic levels from VSS to VDD. This pin should be connected to digital ground for true TTL logic levels refer- enced to VLS. TESTING CONSIDERATIONS (ML145502 ONLY) An analog test mode is activated by connecting MSI and CCI to 128 kHz. In this mode, the input of the A/D (the output of the Tx filter) is available at the PDI pin. This input is direct coupled to the A/D side of the codec. The A/D is a differential design. This results in the gain of this input being effectively attenuated by half. If monitored with a high–impedance buffer, the output of the Tx low–pass filter can also be measured at the PDI pin. This test mode allows independent evaluation of the transmit low–pass filter and A/D side of the codec. The transmit and receive channels of these devices are tested with the codec–filter fully functional. www.lansdale.com Page 11 of 26 Issue A |
Numéro de pièce similaire - ML145503 |
|
Description similaire - ML145503 |