Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE913PWR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCE913PWR
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCE913PWR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CDCE913PWR Datasheet HTML 7Page - Texas Instruments CDCE913PWR Datasheet HTML 8Page - Texas Instruments CDCE913PWR Datasheet HTML 9Page - Texas Instruments CDCE913PWR Datasheet HTML 10Page - Texas Instruments CDCE913PWR Datasheet HTML 11Page - Texas Instruments CDCE913PWR Datasheet HTML 12Page - Texas Instruments CDCE913PWR Datasheet HTML 13Page - Texas Instruments CDCE913PWR Datasheet HTML 14Page - Texas Instruments CDCE913PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
DATA PROTOCOL
COMMAND CODE DEFINITION
Generic Programming Sequence
1
7
1
1
8
1
1
S
Slave Address
A
DataByte
A
P
MSB
LSB
MSB
LSB
S
StartCondition
Sr
RepeatedStartCondition
1=Read(Rd)FromCDCE9xxDevice;0=Write(Wr)toCDCE9xxx
A
Acknowledge(ACK=0andNACK=1)
P
StopCondition
Master-to-Slave Transmission
Slave-to-Master Transmission
R/W
R/W
CDCE913
CDCEL913
SCAS849A – JUNE 2007 – REVISED AUGUST 2007
The device supports Byte Write and Byte Read and Block Write and Block Read operations.
For Byte Write/Read operations, the system controller can individually access addressed bytes.
For Block Write/Read operations, the bytes are accessed in sequential order from lowest to highest byte (with
most significant bit first) with the ability to stop after any complete byte has been transferred. The numbers of
Bytes read-out are defined by Byte Count in the Generic Configuration Register. At Block Read instruction, all
bytes defined in the Byte Count must be readout to correctly finish the read cycle.
Once a byte has been sent, it is written into the internal register and is effective immediately. This applies to
each transferred byte regardless of whether this is a Byte Write or a Block Write sequence.
If the EEPROM Write Cycle is initiated, the internal SDA registers are written into the EEPROM. During this Write
Cycle, data is not accepted at the SDA/SCL bus until the write cycle is completed. However, data can be read
out during the programming sequence (Byte Read or Block Read). The programming status can be monitored by
EEPIP, byte 01h–bit 6.
The offset of the indexed byte is encoded in the command code, as described in Table 5.
Table 5. Slave Receiver Address (7 Bits)
DEVICE
A6
A5
A4
A3
A2
A1(1)
A0(1)
R/W
CDCE913/CDCEL913
1
1
0
0
1
0
1
1/0
CDCE925/CDCEL925
1
1
0
0
1
0
0
1/0
CDCE937/CDCEL937
1
1
0
1
1
0
1
1/0
CDCE949/CDCEL949
1
1
0
1
1
0
0
1/0
(1)
Address bits A0 and A1 are programmable via the SDA/SCL bus (byte 01, bit [1:0]. This allows addressing up to 4 devices connected to
the same SDA/SCL bus. The least-significant bit of the address byte designates a write or read operation.
Table 6. Command Code Definition
BIT
DESCRIPTION
0 = Block Read or Block Write operation
7
1 = Byte Read or Byte Write operation
(6:0)
Byte Offset for Byte Read, Block Read, Byte Write and Block Write operation.
Figure 7. Generic Programming Sequence
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCE913 CDCEL913


Numéro de pièce similaire - CDCE913PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE913PWR TI-CDCE913PWR Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWR TI-CDCE913PWR Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWR TI1-CDCE913PWR Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWR TI1-CDCE913PWR Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913PWRG4 TI-CDCE913PWRG4 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

Description similaire - CDCE913PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com