Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145027P Fiches technique(PDF) 8 Page - LANSDALE Semiconductor Inc.

No de pièce MC145027P
Description  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145027P Fiches technique(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC145027P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145027P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.lansdale.com
Page 8 of 19
Issue 0
LANSDALE Semiconductor, Inc.
ML145026, ML145027, ML145028
acknowledged; a trinary open at the ML145026 encoder is
decoded as a high level (logic 1).
Din
Data In (Pin 9)
This pin is the serial data input to the decoder. The input
voltage must be at CMOS logic levels. The signal source driv-
ing this pin must be DC coupled.
R1,C1
Resistor 1, Capacitor 1 (Pins 6, 7)
As shown in Figures 2 and 3, these pins accept a resistor and
capacitor that are used to determine whether a narrow pulse or
wide pulse has been received. The time constant R1 x C1
should be set to 1.72 encoder clock periods:
R1 C1 = 3.95 RTC CTC
R2/C2
Resistor 2/Capacitor 2 (Pin 10)
As shown in Figures 2 and 3, this pin accepts a resistor and
capacitor that are used to detect both the end of a received
word and the end of a transmission. The time constant R2 x C2
should be 33.5 encoder clock periods (four data periods per
Figure 11): R2 C2 = 77 RTC CTC. This time constant is used
to determine whether the Din pin has remained low for four
data periods (end of transmission). A separate on–chip com-
parator looks at the voltage–equivalent two data periods (0.4
R2 C2) to detect the dead time between received words within
a transmission.
VT
Valid Transmission Output (Pin 11)
This valid transmission output goes high after the second
word of an encoding sequence when the following conditions
are satisfied:
1. the received addresses of both words match the local
de-coder address, and
2. the received data bits of both words match.
VT remains high until either a mismatch is received or no
input signal is received for four data periods.
VSS
Negative Power Supply (Pin 8)
The most–negative supply potential. This pin is usually
ground.
VDD
Positive Power Supply (Pin 16)
The most–positive power supply pin.


Numéro de pièce similaire - MC145027P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145027P MOTOROLA-MC145027P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145027P FREESCALE-MC145027P Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
MC145027P FREESCALE-MC145027P Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Description similaire - MC145027P

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com