Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145028 Fiches technique(PDF) 4 Page - LANSDALE Semiconductor Inc.

No de pièce ML145028
Description  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145028 Fiches technique(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145028 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.lansdale.com
Page 4 of 19
Issue 0
LANSDALE Semiconductor, Inc.
ML145026, ML145027, ML145028
ELECTRICAL CHARACTERISTICS — ML145026
*, ML145027, and ML145028 (Voltage Referenced to VSS)
Guaranteed Limit
VDD
– 40
°C
25
°C
85
°C
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = VDD or 0)
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 or VDD)
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VIL
Low–Level Input Voltage
(Vout = 4.5 or 0.5 V)
(Vout = 9.0 or 1.0 V)
(Vout = 13.5 or 1.5 V)
5.0
10
15
1.5
3.0
4.0
1.5
3.0
4.0
1.5
3.0
4.0
V
VIH
High–Level Input Voltage
(Vout = 0.5 or 4.5 V)
(Vout = 1.0 or 9.0 V)
(Vout = 1.5 or 13.5 V)
5.0
10
15
3.5
7.0
11
3.5
7.0
11
3.5
7.0
11
V
IOH
High–Level Output Current
(Vout = 2.5 V)
(Vout = 4.6 V)
(Vout = 9.5 V)
(Vout = 13.5 V)
5.0
5.0
10
15
– 2.5
– 0.52
– 1.3
– 3.6
– 2.1
– 0.44
– 1.1
– 3.0
– 1.7
– 0.36
– 0.9
– 2.4
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
(Vout = 0.5 V)
(Vout = 1.5 V)
5.0
10
15
0.52
1.3
3.6
0.44
1.1
3.0
0.36
0.9
2.4
mA
Iin
Input Current — TE
(ML145026, Pull–Up Device)
5.0
10
15
3.0
16
35
11
60
120
µA
Iin
Input Current
RS (ML145026), Din (ML145027, ML145028)
15
± 0.3
± 0.3
± 1.0
µA
Iin
Input Current
A1 – A5, A6/D6 – A9/D9 (ML145026),
A1 – A5 (ML145027),
A1 – A9 (ML145028)
5.0
10
15
± 110
± 500
± 1000
µA
Cin
Input Capacitance (Vin = 0)
7.5
pF
IDD
Quiescent Current — ML145026
5.0
10
15
0.1
0.2
0.3
µA
IDD
Quiescent Current — ML145027, ML145028
5.0
10
15
50
100
150
µA
Idd
Dynamic Supply Current — ML145026
(fc = 20 kHz)
5.0
10
15
200
400
600
µA
Idd
Dynamic Supply Current — ML145027, ML145028
(fc = 20 kHz)
5.0
10
15
400
800
1200
µA
*Also see next Electrical Characteristics table for 2.5 V specifications.


Numéro de pièce similaire - ML145028

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040-6P LANSDALE-ML145040-6P Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040-6P LANSDALE-ML145040-6P Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040RP LANSDALE-ML145040RP Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
More results

Description similaire - ML145028

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com