Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML13175 Fiches technique(PDF) 1 Page - LANSDALE Semiconductor Inc.

No de pièce ML13175
Description  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13175 Fiches technique(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13175 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.lansdale.com
ML13175
ML13176
UHF FM/AM Transmitter
Page 1 of 16
Legacy Device: Motorola MC13175, MC13176
The ML13175 and ML13176 are one chip FM/AM transmitter subsys-
tems designed for AM/FM communication systems. they include a
Colpitts crystal reference oscillator, UHF oscillator, ÷ 8 (ML13175) or
÷ 32 (ML13176) prescaler and phase detector forming a versatile PLL
system. Targeted applications are in the 260 to 470MHz band and 902
to 982 MHz band covered by FCC Title 47; Part 15. Other applica-
tions include local oscillator sources in UHF and 900 MHz receivers,
UHF and 900 MHz video transmitters, RF Local Area Networks
(LAN), and high frequency clock drivers. ML13175/76 offer the fol-
lowing features;
• UHF Current Controlled Oscillator
• Uses Easily Available 3rd Overtone or Fundamental Crystals
for Reference
• Fewer External Parts Required
• Low Operating Supply Voltage (1.8 to 5.0 Vdc)
• Low Supply Drain Currents
• Power Output Adjustable (Up to + 10 dBm )
• Differential Output for Loop Antenna or Balun
Transformer Networks
• Power Down Feature
• ASK Modulated by Switching Output On and Off
• (ML13175) fo = 8 x fref, (ML13176) fo = 32 x fref
• Operating Temperature Range - TA = -40° to +85°C
ML13175-5P
PLASTIC PACKAGE
CASE 751B
(SO–16)
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
SO 16
MC13175D
ML13175-5P
SO 16
MC13176D
ML13176-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN CONNECTIONS
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
Xtale
PDout
ICont
VEE
NC
Osc 4
NC
Osc 1
Xtalb
Reg.
Gnd
Enable
VCC
Out 1
Out 2
Out
Gnd
Imod
Figure 1. Typical Application as 320 MHz AM Transmitter
1. 50
Ω coaxial balun, 1/10 wavelength at 320 MHz equals 1.5 inches.
2. Pins 5, 10 & 15 are ground and connected to VEE which is the component/DC ground plane
2. side of PCB. These pins must be decoupled to VCC; decoupling capacitors should be placed
2. as close as possible to the pins.
3. The crystal oscillator circuit may be adjusted for frequency with the variable inductor
3. (ML13175); recommended source is Coilcraft “slot seven” 7mm tuneable inductor , Part
3. #7M3–821. 1.0k resistor. Shunting the crystal prevents it from oscillating in the fundamental
3. mode.
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
150–05J08
0.165
µ
(2)
VEE
0.1
µ
1.0k
150p
f/N
ML13175
Crystal
3rd Overtone
40.0000 MHz
27k
VCC
RFC1
150p
Z = 50
(1)
9
10
11
12
13
14
15
16
RFout
1.3k
AM Modulator
100p
(ML13176)
VCC
30p
(ML13175)
ML13175–30p
ML13176–180p
0.82
µ
1.0k
0.01
µ
ML13176
Crystal
Fundamental
10 MHz
(3)
VCC
0.01
µ
VEE
SMA
S1
VEE
0.1
µ
S2
NOTES:
Issue CcC


Numéro de pièce similaire - ML13175

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13175-5P LANSDALE-ML13175-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Description similaire - ML13175

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com