Moteur de recherche de fiches techniques de composants électroniques |
|
MC13135P Fiches technique(PDF) 9 Page - LANSDALE Semiconductor Inc. |
|
MC13135P Fiches technique(HTML) 9 Page - LANSDALE Semiconductor Inc. |
9 / 11 page www.lansdale.com Page 9 of 11 Issue 0 LANSDALE Semiconductor, Inc. ML13135 RSSI VCC2 SPEAKER RF IN MC13135 MC13136 Figure 18. PC Board Solder Side View Figure 19. PC Board Component View (Circuit Side View) NOTES: 1. 0.2 µH tunable (unshielded) inductor 2. 39 MHz Series mode resonant 3rd Overtone Crystal 3. 1.5 µH tunable (shielded) inductor 4. 10.245 MHz Fundamental mode crystal, 32 pF load 5. 455 kHz ceramic filter, muRata CFU 455B or equivalent 6. Ceramic discriminator, muRata CDB455C34 or equivalent 7. 10.7 MHz ceramic filter, muRata SFE10.7MJ–A or equivalent 3.375 ″ 2200p 27p 5p 0.1 120p 0.1 0.1 0.1 2.7k 0.1 0.22 0.15 1.0k 360 0.01 62p 1.0 k 39 MHz 10.245 MHz 1.0 10 +4.7 +10 MC34119 XT XT + CF 455 KHz 3 4 5 2 1 7 + 270p 6 10k Legacy Applications Information |
Numéro de pièce similaire - MC13135P |
|
Description similaire - MC13135P |