Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML12561 Fiches technique(PDF) 1 Page - LANSDALE Semiconductor Inc.

No de pièce ML12561
Description  Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12561 Fiches technique(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12561 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.lansdale.com
Page 1 of 9
Issue 0
ML12561
Crystal Oscillator
Legacy Device: Motorola MC12561
The ML12561 is the military temperature version of the com-
mercial ML12061 device. It is for use with an external crystal to
form a crystal controlled oscillator. In addition to the fundamental
series mode crystal, two bypass capacitors are required (plus usual
power supply pin bypass capacitors). Translators are provided inter-
nally for MECL and TTL outputs.
• Frequency Range = 2.0 to 20 MHz
• Operating Temperature Range TA = –55° to +125°C
• Single Supply Operation: +5.0 Vdc or –5.2 V DC
• Three Outputs Available:
1.Complementary Sine Wave (600 mVpp typ)
2.Complementary MECL
3.Single Ended TTL
CERDIP 16 = E
CERAMIC PACKAGE
CASE 620
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
CERDIP 16
12561/BEA
ML12561/BEA
LANSDALE
PACKAGE
Figure 1. Block Diagram
Note: 0.1
µF power supply
pin bypass capacitors
not shown.
Voltage
Reg.
Bias
Bypass
0.1
µF
AGC
Filter
0.1
µF
VCC
Sine Wave
Output
MECL
Output
71 VCC
43
2
14
15
16
VCC
13
12
11
VCC
Crystal
Osc.
AGC
Ampl./
AGC
Sine
to
MECL
MECL
to
TTL
Trans-
lator
10
TTL
Output
–+
–+
5
6
Crystal
8VEE
VEE
9
/ML12561


Numéro de pièce similaire - ML12561

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12561 LANSDALE-ML12561 Datasheet
382Kb / 9P
   Crystal Oscillator
ML12561/BEA LANSDALE-ML12561/BEA Datasheet
382Kb / 9P
   Crystal Oscillator
ML12561 LANSDALE-ML12561_08 Datasheet
382Kb / 9P
   Crystal Oscillator
More results

Description similaire - ML12561

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com