Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML12016PP Fiches technique(PDF) 1 Page - LANSDALE Semiconductor Inc.

No de pièce ML12016PP
Description  Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12016PP Fiches technique(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12016PP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12016PP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12016PP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12016PP Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.lansdale.com
Page 1 of 4
Issue A
ML12015
ML12016
ML12017
Dual Modulus Prescaler
Legacy Device: Motorola MC12015, MC12016, MC12017
The ML12015, ML12016 and ML12017 are dual modu-
lus prescalers which will drive divide by 32 and 33, 40
and 41, and 64 and 65, respectively. An internal regulator
is provided to allow these devices to be used over a wide
range of power–supply voltages. The devices may be oper-
ated by applying a supply voltage of 5.0 Vdc ±10% at Pin
7, or by applying an unregulated voltage source from 5.5
Vdc to 9.5 Vdc to Pin 8.
• 225 MHz Toggle Frequency
• Low–Power 7.5 mA Maximum at 6.8 V
• Control Input and Output Are Compatible With
Standard CMOS
• Connecting Pins 2 and 3 Allows Driving One
TTL Load
• Supply Voltage 4.5 V to 9.5 V
• Operating Temperature Range TA = –40 to 85°C
8
SIMPLIFIED BLOCK DIAGRAM
0.1
µF
VCC
Voltage
Regulator
N / N+1
7
0.1
µF
Vreg
4
GND
6
0.001
µF
Signal
GND
5
0.001
µF
Signal
Input
3
2 Active
Pullup
Output
Control
Input
1
1. Vreg at Pin 7 is not guaranteed to be between 4.5and
5.5V when VCC is being applied to Pin 8
2. Pin 7 is not to be used as a source of regulatedoutput
voltage
1
8
P-DIP 8
SO 8
SO 8
SO 8
P-DIP 8
P-DIP 8
MC12015P
MC12015D
MC12016D
MC12017D
MC12016P
MC12017P
ML12015PP
ML12015-5P
ML12016-5P
ML12017-5P
ML12016PP
ML12017PP
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
MECL PLL COMPONENTS
SEMICONDUCTOR TECHNICAL DATA


Numéro de pièce similaire - ML12016PP

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12016PP LANSDALE-ML12016PP Datasheet
135Kb / 4P
   Dual Modulus Prescaler
More results

Description similaire - ML12016PP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com