Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CM15MD-12H Datasheet(Fiches technique) 5 Page - Powerex Power Semiconductors

Numéro de pièce CM15MD-12H
Description  CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/600 Volts
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM15MD-12H Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM15MD-12H Datenblatt HTML 1Page - Powerex Power Semiconductors CM15MD-12H Datenblatt HTML 2Page - Powerex Power Semiconductors CM15MD-12H Datenblatt HTML 3Page - Powerex Power Semiconductors CM15MD-12H Datenblatt HTML 4Page - Powerex Power Semiconductors CM15MD-12H Datasheet HTML 5Page - Powerex Power Semiconductors CM15MD-12H Datenblatt HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CM15MD-12H
CIB Module
Three Phase Converter + Three Phase Inverter + Brake
15 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
VGE =
20V
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
02468
10
10
0
15
12
11
8
7
Tj = 25
oC
20
30
10
9
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
048
12
16
20
0
30
20
10
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
010
4
3
2
1
0
VGE = 15V
Tj = 25°C
Tj = 125°C
30
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
048
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 6A
IC = 30A
IC = 15A
00.8
1.6
2.4
3.2
4.0
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
101
102
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
100
10-1
101
10-2
10-3
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
100
101
102
102
101
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
RG = 42Ω
Tj = 125°C
tf
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
100
101
102
102
101
trr
Irr
101
100
10-1
di/dt = -30A/µsec
Tj = 25°C
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
20
010
20
30
16
12
8
4
0
40
60
50
VCC = 300V
VCC = 200V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn