Moteur de recherche de fiches techniques de composants électroniques |
|
ML12011EP Fiches technique(PDF) 9 Page - LANSDALE Semiconductor Inc. |
|
ML12011EP Fiches technique(HTML) 9 Page - LANSDALE Semiconductor Inc. |
9 / 14 page www.lansdale.com Page 9 of 14 Issue A LANSDALE Semiconductor, Inc. ML12009, ML12011 ELECTRICAL CHARACTERISTICS (continued) (Supply Voltage = 5.0 V, unless otherwise noted.) TEST VOLTAGE/CURRENT VALUES Volts mA @ Test Temperature VIHT VILT VCC IL IOL IOH –30 °C 2.0 0.8 5.0 –0.25 16 –0.40 25 °C 2.0 0.8 5.0 –0.25 16 –0.40 85 °C 2.0 0.8 5.0 –0.25 16 –0.40 Pin Under TEST VOLTAGE APPLIED TO PINS LISTED BELOW (V ) Characteristic Symbol Under Test VIHT VILT VCC IL IOL IOH (VEE) Gnd Power Supply Drain Current ICC1 8 1,16 8 ICC2 6 6 8 Input Current IinH1 15 11 12 13 9,10 9,10 9,10 1,16 1,16 1,16 1,16 8 8 8 8 IinH2 4 5 6 6 8 8 IinH3 5 6 8 IinH4 9 10 1,16 1,16 8 8 Leakage Current IinL1 15 11 12 13 1,16 1,16 1,16 1,16 8,15 8,11 8,12 8,13 IinL2 9 10 1,16 1,16 8 8 Reference Voltage VBB 14 1,16 14 8 Logic ‘1’ Output Voltage VOH1 (Note 1) 2 3 1,16 1,16 8 8 VOH2 7 6 7 8 Logic ‘0’ Output Voltage VOL1 (Note 1) 2 3 1,16 1,16 8 8 VOL2 7 6 7 8 Logic ‘1’ Threshold Voltage VOHA (Note 2) 2 3 9,10 9,10 1,16 1,16 8 8 Logic ‘0’ Threshold Voltage VOLA (Note 3) 2 3 9,10 9,10 1,16 1,16 8 8 Short Circuit Current IOS 7 6 8 NOTES: 1. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and ground voltages must be maintained between tests. The clock input is the waveform shown. 2. In addition to meeting the output levels specified, the device must divide by 5 or 8 during this test. The clock input is the waveform shown. 3. In addition to meeting the output levels specified, the device must divide by 6 or 9 during this test. The clock input is the waveform shown. VIHmax VILmin Clock Input |
Numéro de pièce similaire - ML12011EP |
|
Description similaire - ML12011EP |