Moteur de recherche de fiches techniques de composants électroniques |
|
ML12009-5P Fiches technique(PDF) 11 Page - LANSDALE Semiconductor Inc. |
|
ML12009-5P Fiches technique(HTML) 11 Page - LANSDALE Semiconductor Inc. |
11 / 14 page www.lansdale.com Page 11 of 14 Issue A LANSDALE Semiconductor, Inc. ML12009, ML12011 Figure 5. AC Test Circuit – All Pulse Generators are EH 137 or equiv. Pulse Generators 1 and 2: PRF = 10 MHz PW = 50% Duty Cycle t + = t – = 2.0 ± 0.2 ns Pulse Generator 3: PRF = 2.0 MHz PW = 50% Duty Cycle t + = t – = 5.0 ± 0.5 ns All resistors are +1%. All input and output cables to the scope are equal lengths of 50 Ω coaxial cable. The 1950 Ω resistor at Pin 7 and the scope termination impedance constitute a 40 :1 attenuator probe. CT = 15 pF = total parasitic capacitance which includes probe, wiring, and load capacitance. Unused output connected to a 50 Ω resistor to ground. Vin 50 100 Vin Pulse Generator #1 Pulse Generator #2 Pulse Generator #3 A MC10109 or equiv. (Scope Channel A) 50 950 VCC = 2.0 V 25 µF 13 12 11 10 9 15 14 5 4 0.1 µF + VEE = –3.0 V 8 MECL to MTTL Trans– lator VBB C E5 E4 E3 E2 E1 16 16 0.1 µF 2 3 7 VEE = –3.0 V CT 1950 Vout Vout (Scope Channel B) Q Q 50 100 Vin 50 Vin Vout |
Numéro de pièce similaire - ML12009-5P |
|
Description similaire - ML12009-5P |