Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC12011P Fiches technique(PDF) 10 Page - LANSDALE Semiconductor Inc.

No de pièce MC12011P
Description  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12011P Fiches technique(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button MC12011P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC12011P Datasheet HTML 14Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.lansdale.com
Page 10 of 14
Issue A
LANSDALE Semiconductor, Inc.
ML12009, ML12011
SWITCHING CHARACTERISTICS
Pin
ML12509, ML12511, ML12513
TEST VOLTAGES/WAVEFORMS APPLIED TO PINS LISTED BELOW:
Pin
Under
–30
°C
25
°C
85
°C
Pulse
Pulse
Pulse
VIHmin
VILmin
VF
VEE
VCC
Characteristic
Symbol
Under
Test
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Pulse
Gen.1
Pulse
Gen.2
Pulse
Gen.3
VIHmin
VILmin
VF
–3.0 V
VEE
–3.0 V
VCC
+2.0
Propagation Delay
(See Figures 3 and 5)
t15+ 2+
t15+ 2–
t5+ 7+
t5– 7–
2
2
7
7
8.1
7.5
8.4
6.5
8.1
7.5
8.1
6.5
8.9
8 2
8.9
7.1
ns
15
15
A
A
11,12,13
11,12,13
9,10
9,10
8
8
8
8
1,6,16
1,6,16
1,6,16
1,6,16
Setup Time
(See Figures 4 and 5)
tsetup1
tsetup2
11
9
5.0
5.0
5.0
5.0
5.0
5.0
ns
ns
15
15
*
*
*
11,12,13
9,10
*
8
8
1,6,16
1,6,16
Release Time
(See Figures 4 and 5)
trel1
trel2
11
9
5.0
5.0
5.0
5.0
5.0
5.0
ns
ns
15
15
*
*
*
11,12,13
9.10
*
8
8
1,6,16
1,6,16
Toggle Frequency
(See Figure 6)
ML12509 : 5/6
ML12511 : 8/9
fmax
2
440
500
480
550
440
500
MHz
11
11
8
8
16
16
*Test inputs sequentially, with Pulse Generator 2 or 3 as indicated connected to input under test, and the voltage indicated applied to the other input(s) of the same type ( i.e., MECL or MTTL).
–30
°C
25
°C
85
°C
VIHmin
1.03
1.115
1.20
Vdc
VILmin
0.175
0.200
0.235
Vdc
Figure 3. AC Voltage Waveforms
MTTL
Out
+In
Q (Pin 3)
Q (Pin 2)
VILmin
VIHmin
–1.5 V
t+ –
t++
20%
80%
50%
50%
50%
50%
t––
t++
Pulse
Generator
1
Pulse
Generator
3
Divide by 5
— ML12509
Divide by 8
— ML12511
Di id b 10
ML12513
Divide by 6
— ML12509
Divide by 9
— ML12511
Di id b 11
ML12513
tsetup1
tsetup2
+1.5 V
50
%
50%
50%
80%
80%
80%
80%
20%
20%
20%
20%
90%
90%
10%
10%
trel2
–1.5 V
VIHmin
VILmin
VIHmin
VILmin
0 V
VEE
trel1
50%
Pulse
Generator
1
Pulse
Generator
2
Q (Pin 2)
Figure 4. Setup and Release Time Waveforms
Pulse
Generator
3
Pulse
Generator
1
Pulse
Generator
2
Q (Pin 2)
VIHmin
VILmin
VIHmin
VILmin
0 V
VEE


Numéro de pièce similaire - MC12011P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC12011P MOTOROLA-MC12011P Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12011P LANSDALE-MC12011P Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

Description similaire - MC12011P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009_08 Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com