Moteur de recherche de fiches techniques de composants électroniques |
|
ML3371-5P Fiches technique(PDF) 8 Page - LANSDALE Semiconductor Inc. |
|
ML3371-5P Fiches technique(HTML) 8 Page - LANSDALE Semiconductor Inc. |
8 / 19 page www.lansdale.com Page 8 of 19 Issue A LANSDALE Semiconductor, Inc. ML3371, ML3372 ML3371 PIN FUNCTION DESCRIPTION (continued) OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3371 at f RF = 10.7 MHz (see Figure 11). Pin Waveform Description Internal Equivalent Circuit Symbol 13 RSSI RSSIOut 1.8 k Bias 13 VCC RSSI Output. Referred to as the Received Signal Strength Indicator or RSSI. The chip sources up to 60 µA over the linear 60 dB range. This pin may be used many ways, such as: AGC, meter drive and carrier triggered squelch circuit. 14 MUTE 40 k Mute or SqOut 14 Mute Output. See discussion in application text. 15 Gnd Gnd 15 Ground. The ground area should be continuous and unbroken. In a two– sided layout, the component side has the ground plane. In a one–sided layout, the ground plane fills around the traces on the circuit side of the board and is not interrupted. 16 MIXIn MixerIn VCC 16 3.3 k 10 k Mixer Input – Series Input Impedance: @ 10 MHz: 309 – j33 Ω @ 45 MHz: 200 – j13 Ω *Other pins are the same as pins in MC3371. |
Numéro de pièce similaire - ML3371-5P |
|
Description similaire - ML3371-5P |