Moteur de recherche de fiches techniques de composants électroniques |
|
ML1350PP Fiches technique(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
ML1350PP Fiches technique(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 6 page www.lansdale.com Page 4 of 6 Issue A LANSDALE Semiconductor, Inc. ML1350 Figure 7. Power Gain and AGC Test Circuit (455 kHz and 10.7 MHz) Figure 8. Single–Ended Input Admittance Figure 9. Forward Transfer Admittance Figure 10. Differential Output Admittance Figure 11. Differential Output Voltage 10 20 30 40 50 70 100 b11 g11 f, FREQUENCY (MHz) 1.0 2.0 5.0 10 20 30 50 100 3.0 f, FREQUENCY (MHz) –200 –160 –120 –80 –40 0 10 20 30 40 50 70 100 b22 g22 f, FREQUENCY (MHz) (Single–ended output admittance exhibits twice these values.) 0 10 2030 4050 60 70 80 GAIN REDUCTION (dB) Input RS = 50Ω T1 5.1k VAGC * C4 C5 C2 C3 C1 C7 C6 MC1350 L1 43 2 1 56 7 8 *Grounded for maximum power gain. 12 V Output RS = 50Ω 5.0 4.0 3.0 2.0 1.0 0 500 400 300 200 100 0 1.0 0.8 0.6 0.4 0.2 0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 Component C1 C2 C3 C4 C5 C8 C7 L1 T1 Frequency 455 kHz 10.7 MHz – – 0.05 µF 0.05 µF 0.001 µF 0.05 µF 0.05 µF – Note 1 80–450 pF 5.0–80 pF 0.001 µF 0.05 µF 36 pF 0.05 µF 0.05 µF 4.6 µF Note 2 NOTES: 1. Primary: 120 µH (center–tapped) NOTES: 1. Qu = 140 at 455 kHz NOTES: 1. Primary: Secondary turns ratio ≈ 13 NOTES: 2. Primary: 6.0 µH NOTES: 2. Primary winding = 24 turns #36 AWG NOTES: 2. (close–wound on 1/4" dia. form) NOTES: 2. Core = Carbonyl E or J NOTES: 2. Secondary winding = 1–1/2 turns #36 AWG, 1/4" dia. NOTES: 2. (wound over center–tap) Y21 < Y21 (max gain) < Y21 (–30 dB gain) V + + = 14 V V + + = 12 V Legacy Applications Information |
Numéro de pièce similaire - ML1350PP |
|
Description similaire - ML1350PP |