Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65800 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS65800
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65800 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS65800_07 Datasheet HTML 4Page - Texas Instruments TPS65800_07 Datasheet HTML 5Page - Texas Instruments TPS65800_07 Datasheet HTML 6Page - Texas Instruments TPS65800_07 Datasheet HTML 7Page - Texas Instruments TPS65800_07 Datasheet HTML 8Page - Texas Instruments TPS65800_07 Datasheet HTML 9Page - Texas Instruments TPS65800_07 Datasheet HTML 10Page - Texas Instruments TPS65800_07 Datasheet HTML 11Page - Texas Instruments TPS65800_07 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – POWER PATH AND CHARGE MANAGEMENT
TPS65800
SLVS606C – SEPTEMBER 2005 – REVISED FEBRUARY 2007
Over recommended operating conditions (typical values at T
J = 25°C), application circuit as in Figure 3 (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE DETECTION THRESHOLDS
Input Voltage detection
AC detected at V(AC)– V(BAT) > VIN(DT);
VIN(DT)
190
threshold
USB detected at V(USB)– V(BAT) > VIN(DT)
mV
Input Voltage removal
AC not detected at V(AC)– V(BAT) < VIN(NDT);
VIN(NDT)
125
threshold
USB not detected at V(USB)– V(BAT) < VIN(NDT)
tDGL(NDT)
Power not detected deglitch
22.5
ms
Supplement detection
VSUP(DT)
Battery switch ON at V(BAT) – V(OUT) > VSUP(DT)
60
threshold
mV
Supplement not detected
VSUP(NDT)
Battery switch OFF at V(BAT)– V(OUT) < VSUP(NDT)
20
threshold
POWER PATH INTEGRATED MOSFETs CHARACTERISTICS
VACDO = V(AC)– V(OUT); V(AC) = 4.75 V AC input current limit set to 2.75 A
VACDO
AC switch dropout voltage
350
375
(typ), IO(OUT) = 1.0 A
I(OUT) + I(BAT)= 0.5 A
175
190
VUSBDO = V(USB)– V(OUT); V(USB) = 4.6 V
VUSBDO
USB switch dropout voltage
USB input current limit set to 2.75 A (typ)
I(OUT) + I(BAT)= 0.1 A
35
45
mV
Battery switch dropout
VBATDODCH
V(BAT): 3 V
→ V
CH(REG), I(BAT) = –1 A
60
100
voltage, discharge
Battery switch dropout
VBATDOCH
Charger on, V(BAT): 3 V
→ 4.2 V, I(BAT) = 1 A
60
100
voltage, charge
POWER PATH INPUT CURRENT LIMIT
Selected Input current limit,
Selected input switch not in dropout, I2C settings: ISET2 = LO,
IINP(LIM1)
80
100
applies to USB input only
PSEL = LO
mA
Selected Input current limit,
IINP(LIM2)
400
500
Selected input switch not in dropout, I2C settings: ISET2 = HI, PSEL = LO
applies to USB input only
Selected Input current limit,
Selected input switch not in dropout, I2C settings: ISET2 = HI OR LO,
IINP(LIM3)
applies to either AC or USB
2.75
A
PSEL = HI
input
SYSTEM REGULATION VOLTAGE
VSYS(REG) = V(OUT), DPPM loop not active, selected input current limit not
VSYS(REG)
Output regulation voltage
4.6
4.7
V
reached. Selected input voltage (AC or USB) > 5.1 V
POWER PATH PROTECTION AND RECOVERY FUNCTIONS
Input-to-output short-circuit
VINOUTSH
AC and USB switches set to OFF if V(OUT) < VINOUTSH
0.6
V
detection threshold
OUT short circuit recovery
RSH(USBSH)
V(OUT) < 1 V, internal resistor connected from USB to OUT
500
pullup resistor
OUT short circuit recovery
RSH(ACSH)
V(OUT) < 1 V, internal resistor connected from AC to OUT
500
pullup resistor
Overvoltage detection
Rising voltage, overvoltage detected when V(AC) > VOVP or
6
6.5
6.8
threshold
V(USB) > VOVP
VOVP
V
Overvoltage detection
Falling voltage, relative to detection threshold
0.1
hysteresis
Battery to Output short
BAT switch set to OFF if V(BAT)-V(OUT)> VBATOUTSH
200
mV
VBATOUTSH
circuit detection threshold
Battery-to-ouput short-circuit
V(DPPM) < 1v, tBLK(SHBAT) = KBLK(SHBAT)× CDPPM, CDPPM capacitor is
KBLK(SHBAT)
1
ms/nF
blanking time constant
connected from DPPM pin to AGND1
OUT short circuit recovery
V(BAT) – V(OUT) > VBATOUTSH,
10
mA
ISH(BAT)
pullup current source
internal current source connected between OUT and BAT
BAT short circuit recovery
V(BAT)< 1 V,
RSH(BAT)
1
k
resistor
Internal resistor connected from OUT to BAT
Internal resistor connected from BAT to AGND1 when battery is not detected
RDCH(BAT)
BAT pulldown resistor
500
by ANLG1
8
Submit Documentation Feedback


Numéro de pièce similaire - TPS65800_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65800 TI-TPS65800 Datasheet
232Kb / 3P
[Old version datasheet]   INTEGRATED SINGLE-CELL LITHIUM-ION BATTERY-AND POWER-MANAGEMENT IC
More results

Description similaire - TPS65800_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com