Moteur de recherche de fiches techniques de composants électroniques |
|
FDG6342L Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
FDG6342L Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 4 page Typical Characteristics T J = 25°C unless otherwise noted Figure 1. 0.00.4 0.81.2 1.62.0 0.0 0.1 0.2 0.3 0.4 0.5 TJ = 125oC TJ = 25oC VIN = -1.5V VON/OFF = 1.5-8V PW = 300µs, D < 2% -IL, (A) Conduction Voltage Drop Variation with Load Current. Figure 2. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.1 0.2 0.3 0.4 0.5 TJ = 125oC TJ = 25oC VIN = -1.8V VON/OFF = 1.5-8V PW = 300µs, D < 2% -IL, (A) Conduction Voltage Drop Variation with Load Current. Figure 3. Conduction Voltage Drop Variation with Load Current. 0.00.51.01.5 2.02.53.03.5 0.0 0.1 0.2 0.3 0.4 0.5 TJ = 125oC TJ = 25oC VIN = -2.5V VON/OFF = 1.5-8V PW = 300µs, D < 2% -IL, (A) Figure 4. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.1 0.2 0.3 0.4 0.5 TJ = 125oC TJ = 25oC VIN = -4.5V VON/OFF = 1.5-8V PW = 300µs, D < 2% -IL, (A) Conduction Voltage Drop Variation with Load Current. Figure 5. On-Resistance Variation With Input Voltage 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.1 0.2 0.3 0.4 0.5 0.6 IL = -1.3A VON/OFF = 1.5-8V PW = 300µs, D < 2% TJ = 125oC TJ = 25oC -VIN, INPUT VOLTAGE (V) Figure 6. 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.1 0.2 0.3 0.4 0.5 0.6 IL = -1.5A VON/OFF = 1.5-8V PW = 300µs, D < 2% TJ = 125oC TJ = 25oC -VIN, INPUT VOLTAGE (V) On-Resistance Variation With Input Voltage www.fairchildsemi.com 3 ©2007 Fairchild Semiconductor Corporation FDG6342L Rev.B1 |
Numéro de pièce similaire - FDG6342L |
|
Description similaire - FDG6342L |