Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC16373DLR Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
SN74AHC16373DLR Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 14 page SN54AHC16373, SN74AHC16373 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS SCLS329G – MARCH 1996 – REVISED JANUARY 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC16373 SN74AHC16373 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH D Q CL =15 pF 7.3* 13* 1* 15* 1 15 ns tPHL D Q CL = 15 pF 7.3* 13* 1* 15* 1 15 ns tPLH LE Q CL =15 pF 7* 13* 1* 15* 1 15 ns tPHL LE Q CL = 15 pF 7* 13* 1** 15* 1 15 ns tPZH OE Q CL =15 pF 7.3* 13* 1* 15* 1 15 ns tPZL OE Q CL = 15 pF 7.3* 13* 1* 15* 1 15 ns tPHZ OE Q CL =15 pF 10* 14* 1* 16* 1 16 ns tPLZ OE Q CL = 15 pF 10* 14* 1* 16* 1 16 ns tPLH D Q CL =50 pF 9.8 14 1 16 1 16 ns tPHL D Q CL = 50 pF 9.8 14 1 16 1 16 ns tPLH LE Q CL =50 pF 9.5 14.5 1 16.5 1 16.5 ns tPHL LE Q CL = 50 pF 9.5 14.5 1 16.5 1 16.5 ns tPZH OE Q CL =50 pF 9.3 14.9 1 16 1 16 ns tPZL OE Q CL = 50 pF 8 14.9 1 16 1 16 ns tPHZ OE Q CL =50 pF 10.4 15.5 1 17 1 17 ns tPLZ OE Q CL = 50 pF 11.6 15.5 1 17 1 17 ns tsk(o) CL = 50 pF 1.5** 1.5 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. ** On products compliant to MIL-PRF-38535, this parameter does not apply. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC16373 SN74AHC16373 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH D Q CL =15 pF 5* 8.2* 1* 9.5* 1 9.5 ns tPHL D Q CL = 15 pF 5* 8.2* 1* 9.5* 1 9.5 ns tPLH LE Q CL =15 pF 4.9* 8.5* 1* 9.5* 1 9.5 ns tPHL LE Q CL = 15 pF 4.9* 8.5* 1* 9.5* 1 9.5 ns tPZH OE Q CL =15 pF 5.5* 9.1* 1* 10* 1 10 ns tPZL OE Q CL = 15 pF 5.5* 9.1* 1* 10* 1 10 ns tPHZ OE Q CL =15 pF 5* 9.5* 1* 10* 1 10 ns tPLZ OE Q CL = 15 pF 5* 9.5* 1* 10* 1 10 ns tPLH D Q CL =50 pF 6.5 9.2 1 10.5 1 10.5 ns tPHL D Q CL = 50 pF 6.5 9.2 1 10.5 1 10.5 ns tPLH LE Q CL =50 pF 6.4 9.5 1 10.5 1 10.5 ns tPHL LE Q CL = 50 pF 6.4 9.5 1 10.5 1 10.5 ns tPZH OE Q CL =50 pF 6 10.1 1 11.5 1 11.5 ns tPZL OE Q CL = 50 pF 6 10.1 1 11.5 1 11.5 ns tPHZ OE Q CL =50 pF 6.5 10.5 1 11.5 1 11.5 ns tPLZ OE Q CL = 50 pF 7.5 10.5 1 11.5 1 11.5 ns tsk(o) CL = 50 pF 1** 1 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. ** On products compliant to MIL-PRF-38535, this parameter does not apply. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Numéro de pièce similaire - SN74AHC16373DLR |
|
Description similaire - SN74AHC16373DLR |