Moteur de recherche de fiches techniques de composants électroniques |
|
AK4589 Fiches technique(PDF) 5 Page - Asahi Kasei Microsystems |
|
AK4589 Fiches technique(HTML) 5 Page - Asahi Kasei Microsystems |
5 / 76 page ASAHI KASEI [AK4589] MS0339-E-00 2004/09 - 5 - Compatibility with AK4588 Functions AK4588 AK4589 DAC output Single end Differentianl DAC S/(N+D) 90dB 94dB DAC S/N 106dB 114dB DAC Output voltage Typ 3.0Vpp Typ ±2.7Vpp DAC AOUT AOUT=0.6xVREFH AOUT=0.54xVREFH Load Resistance 5k ohm 2k ohm Frequency Response 80kHz ±1.0 +0/-0.6 Output pin #35,#37, #39,#41,#43,#45,#47,#49 #35 - #50 Power Supply voltage Min=4.5V, Max=5.5V Min=4.75V, Max=5.25V (*) The AK4589 has two register maps including ADC/DAC part (compatible with the AK4588) and DIR/DIT part (compatible with AK4588). Each register is selected by Chip Address. |
Numéro de pièce similaire - AK4589_1 |
|
Description similaire - AK4589_1 |