Moteur de recherche de fiches techniques de composants électroniques |
|
LM337KTTR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
LM337KTTR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 17 page www.ti.com ADJUSTMENT OUTPUT INPUT Absolute Maximum Ratings (1) Package Thermal Data (1) LM237, LM337 3-TERMINAL ADJUSTABLE REGULATORS SLVS047J – NOVEMBER 1981 – REVISED MAY 2007 SCHEMATIC DIAGRAM over operating temperature ranges (unless otherwise noted) MIN MAX UNIT VI – VO Input-to-output differential voltage –40 V TJ Operating virtual junction temperature 150 °C Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. PACKAGE BOARD θ JC θ JA PowerFLEX (KTE) High K, JESD 51-5 3 °C/W 23 °C/W PowerFLEX (KTP) High K, JESD 51-5 19 °C/W 28 °C/W TO-220 (KC) High K, JESD 51-5 3 °C/W 19 °C/W TO-220 (KCS) High K, JESD 51-5 3 °C/W 24.8 °C/W TO-252 (KVU) High K, JESD 51-5 30.3 °C/W TO-263 (KTT) High K, JESD 51-5 18 °C/W 25.3 °C/W (1) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 2 Submit Documentation Feedback |
Numéro de pièce similaire - LM337KTTR |
|
Description similaire - LM337KTTR |