Moteur de recherche de fiches techniques de composants électroniques |
|
AM26LV32CNSRE4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
AM26LV32CNSRE4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 21 page AM26LV32C, AM26LV32I LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS202E − MAY 1995 − REVISED JUNE 2005 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Figure 11 is an alternative application design to replace the application in Figure 10. This design uses two AM26LV32 devices, instead of one. However, this design does not require the input levels be monitored to ensure the outputs are in the correct state, only that they comply to the RS-232 standard. System Connector AM26LV32 Connector Driver Enable Disable or Power Off Cable AM26LV32 RT RT RT RT Unused Circuit Unused Circuit Figure 11. Alternative Solution for Figure 10 |
Numéro de pièce similaire - AM26LV32CNSRE4 |
|
Description similaire - AM26LV32CNSRE4 |