Moteur de recherche de fiches techniques de composants électroniques |
|
AM26LV32CNSRE4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
AM26LV32CNSRE4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 21 page AM26LV32C, AM26LV32I LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS202E − MAY 1995 − REVISED JUNE 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Table 1. Active Receiver Inputs vs Outputs 1, 2, OR 3 ACTIVE INPUTS SEE FIGURE 1, 2, OR 3 ACTIVE OUTPUTS 3, 2, OR 1 UNUSED OR INACTIVE VIL† VID VIC† FIGURE ACTIVE OUTPUTS OR INACTIVE OUTPUTS 900 mV 200 mV 1 V 4 Known state High state −100 mV 200 mV 0 V 5 Known state ? 600 mV 800 mV 1 V 6 Known state High state 0 800 mV 400 mV 7 Known state ? † Measured with respect to ground. VID = 200 mV VIC = 1V VIL = 900 mV Produces a High State at Unused or Inactive Outputs 0V Figure 4. Waveform One VID = 200 mV VIL = −100 mV An Unknown State is Produced at Unused or Inactive Outputs VIC = 0V Figure 5. Waveform Two VIC = 1V VIL = 600 mV Produces a High State at Unused or Inactive Outputs 0V VID = 800 mV Figure 6. Waveform Three VIL = 0V 0V VID = 800 mV VIC = 400 mV An Unknown State is Produced at Unused or Inactive Outputs Figure 7. Waveform Four |
Numéro de pièce similaire - AM26LV32CNSRE4 |
|
Description similaire - AM26LV32CNSRE4 |