Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HCT85M96 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CD74HCT85M96
Description  High-Speed CMOS Logic 4-Bit Magnitude Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT85M96 Fiches technique(HTML) 4 Page - Texas Instruments

  CD74HCT85M96 Datasheet HTML 1Page - Texas Instruments CD74HCT85M96 Datasheet HTML 2Page - Texas Instruments CD74HCT85M96 Datasheet HTML 3Page - Texas Instruments CD74HCT85M96 Datasheet HTML 4Page - Texas Instruments CD74HCT85M96 Datasheet HTML 5Page - Texas Instruments CD74HCT85M96 Datasheet HTML 6Page - Texas Instruments CD74HCT85M96 Datasheet HTML 7Page - Texas Instruments CD74HCT85M96 Datasheet HTML 8Page - Texas Instruments CD74HCT85M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
A0-A3, B0-B3 and (A = B) IN
1.5
(A > B) IN, (A < B) IN
1
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.
360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
An, Bn to (A > B) OUT,
(A < B) OUT
tPLH, tPHL CL = 50pF
2
-
-
195
-
245
-
295
ns
4.5
-
-
39
-
47
-
59
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
CL = 50pF
6
-
-
33
-
42
-
50
ns
An, Bn to (A = B) OUT
tPLH, tPHL CL = 50pF
2
-
-
175
-
240
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
CD54HC85, CD74HC85, CD54HCT85, CD74HCT85


Numéro de pièce similaire - CD74HCT85M96

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HCT85M96 TI-CD74HCT85M96 Datasheet
353Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD74HCT85M96 TI-CD74HCT85M96 Datasheet
638Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD74HCT85M96E4 TI-CD74HCT85M96E4 Datasheet
353Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD74HCT85M96E4 TI-CD74HCT85M96E4 Datasheet
638Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD74HCT85M96G4 TI-CD74HCT85M96G4 Datasheet
638Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
More results

Description similaire - CD74HCT85M96

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC85 TI-CD54HC85_08 Datasheet
638Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD74HC85 TI-CD74HC85 Datasheet
47Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Magnitude Comparator
CD54HC85 TI-CD54HC85 Datasheet
353Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD54HCT688 TI-CD54HCT688 Datasheet
359Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC688 TI-CD54HC688_08 Datasheet
481Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC688 TI-CD54HC688_07 Datasheet
414Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD74HC688 TI-CD74HC688 Datasheet
44Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Magnitude Comparator
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com