Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW39NC60VD Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STGW39NC60VD
Description  N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW39NC60VD Fiches technique(HTML) 4 Page - STMicroelectronics

  STGW39NC60VD_07 Datasheet HTML 1Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 2Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 3Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 4Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 5Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 6Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 7Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 8Page - STMicroelectronics STGW39NC60VD_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGW39NC60VD
4/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VBR(CES)
Collector-emitter breakdown
voltage
IC = 1mA, VGE = 0
600
V
VCE(SAT)
Collector-emitter saturation
voltage
VGE=15V, IC=30A,Tj=25°C
VGE=15V, IC=30A,Tj=125°C
1.8
1.7
2.5
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250µA
3.75
5.75
V
ICES
Collector-emitter leakage
current (VGE = 0)
VCE = Max rating,Tc=25°C
VCE= Max rating, Tc=125°C
500
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20V , VCE = 0
±100
nA
gfs
Forward transconductance
VCE = 15V, IC= 30A
20
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1 MHz, VGE= 0
2900
298
59
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 30A,
VGE = 15V,
(see Figure 19)
126
16
46
nC
nC
nC


Numéro de pièce similaire - STGW39NC60VD_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
More results

Description similaire - STGW39NC60VD_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com