Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C1024-70XN7X Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce M27C1024-70XN7X
Description  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-70XN7X Fiches technique(HTML) 1 Page - STMicroelectronics

  M27C1024-70XN7X Datasheet HTML 1Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 2Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 3Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 4Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 5Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 6Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 7Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 8Page - STMicroelectronics M27C1024-70XN7X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M27C1024
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
September 1998
1/15
AI00702B
16
A0-A15
P
Q0-Q15
VPP
VCC
M27C1024
G
E
VSS
16
Figure 1. Logic Diagram
5V
± 10% SUPPLY VOLTAGE in READ
OPERATION
FAST ACCESS TIME: 35ns
LOW POWER CONSUMPTION:
– Active Current 35mA at 5MHz
– Standby Current 100
µA
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
PROGRAMMING TIME: 100
µs/byte (typical)
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code: 008Ch
DESCRIPTION
The M27C1024 is a 1 Mbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large data or program
storage and is organized as 65,536 words of 16
bits.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to
expose the chip to ultraviolet light to erase the bit
pattern. A new pattern can then be written to the
device by following the programming procedure.
For application where the content is programmed
only one time and erasure is not required, the
M27C1024 is offered in PDIP40, PLCC44 and
TSOP40 (10 x 14mm) packages.
A0-A15
Address Inputs
Q0-Q15
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
1
40
FDIP40W (F)
PLCC44 (C)
TSOP40 (N)
10 x 14mm
1
40
PDIP40 (B)


Numéro de pièce similaire - M27C1024-70XN7X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Description similaire - M27C1024-70XN7X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com