Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC900A Fiches technique(PDF) 5 Page - Semtech Corporation

No de pièce SC900A
Description  Programmable Penta ULDO with RESET and I2C Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900A Fiches technique(HTML) 5 Page - Semtech Corporation

  SC900A Datasheet HTML 1Page - Semtech Corporation SC900A Datasheet HTML 2Page - Semtech Corporation SC900A Datasheet HTML 3Page - Semtech Corporation SC900A Datasheet HTML 4Page - Semtech Corporation SC900A Datasheet HTML 5Page - Semtech Corporation SC900A Datasheet HTML 6Page - Semtech Corporation SC900A Datasheet HTML 7Page - Semtech Corporation SC900A Datasheet HTML 8Page - Semtech Corporation SC900A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Electrical Characteristics (Cont.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LDO Regulator D (Cont.)
Maximum Output Current
IOMAX
D
150
mA
Default Setting: OFF
VO
D
3.10
V
Line Regulation at 3.10V
LINEREG
D
I
OUT = 1mA, VOUT + 0.15V < VIN < 5.5V
2.5
12
mV
Load Regulation at 3.10V
LOADREG
D
1mA < I
OUT <150mA
-3
-20
mV
Dropout Voltage
V
DD
V
OUT = 3.3V, IOUT = 150mA
150
190
mV
Power Supply Rejection Ratio
PSRR
D
f = 10Hz - 1kHz, C
BYP = 0.1mF,
I
OUT = 50mA,
2.5V ≤ V
OUT ≤ 3.3V
60
dB
Output Voltage Noise(2)
e
n-D
f = 10Hz - 100kHz, I
OUT = 50mA,
C
VREF = 0.1μF, COUT = 2.2μF,
2.5V ≤ V
OUT ≤ 3.3V
55
μV
RMS
LDO Regulator E
Output Voltage Accuracy
VOA
E
1.75V ≤ V
OUT ≤ 3.30V
V
OUT + 0.15V ≤ VIN ≤ 5.5V
I
OUT = 1mA, TA = 25°C
-3
+3
%
Output Voltage Accuracy at
3.10V (DAC = 10111)
VOAS
E
I
OUT = 1mA
-2
+2
%
V
OUT + 0.5V ≤ VIN ≤ 5.5V,
I
OUT = 150mA
-3.5
+3.5
%
Maximum Output Current
IOMAX
E
150
mA
Default Setting: OFF
VO
E
3.10
V
Line Regulation at 3.10V
LINEREG
E
I
OUT = 1mA, VOUT + 0.15V < VIN < 5.5V
2.5
12
mV
Load Regulation at 3.10V
LOADREG
E
1mA < I
OUT = 150mA
-3
-20
mV
Dropout Voltage
V
DE
V
OUT = 3.3V, IOUT = 150mA
150
190
mV
Power Supply Rejection Ratio
PSRR
E
f = 10Hz - 1kHz, C
BYP = 0.1μF,
I
OUT = 50mA,
2.5V ≤ V
OUT ≤ 3.3V
60
dB
Output Voltage Noise(2)
e
n-E
f = 10Hz - 100kHz, I
OUT = 50mA,
C
VREF = 0.1μF, COUT = 2.2μF,
2.5V ≤ V
OUT ≤ 3.3V
55
μV
RMS
A RESET
Reset Threshold
RESET
THLD
77
%
Reset Active Timeout Delay
t
RD
Delay in default state
75
100
125
ms
LDO POWER GOOD
PGOOD Threshold
PGOOD
THLD
77
%
PGOOD Active Timeout Delay
t
PG
Delay in default state
75
100
125
ms
Notes:
1) Digital outputs are powered from LDOB, so LDOB must be active for operation of LDOPGD and ARST.
2) Below 2.5V: becomes digital regulator.


Numéro de pièce similaire - SC900A

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC900 SEMTECH-SC900 Datasheet
414Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
logo
Switchcraft, Inc.
SC900 SWITCH-SC900 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Freescale Semiconductor...
SC900844JVK FREESCALE-SC900844JVK Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Switchcraft, Inc.
SC900CT SWITCH-SC900CT Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Semtech Corporation
SC900EVB SEMTECH-SC900EVB Datasheet
414Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
More results

Description similaire - SC900A

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC900 SEMTECH-SC900 Datasheet
414Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
logo
ON Semiconductor
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
   Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com